Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NB4L6254MNG Datasheet(PDF) 2 Page - ON Semiconductor

No. de Pieza. NB4L6254MNG
Descripción  2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L6254MNG Datasheet(HTML) 2 Page - ON Semiconductor

  NB4L6254MNG Hoja de datos HTML 1Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 2Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 3Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 4Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 5Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 6Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 7Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 8Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NB4L6254
http://onsemi.com
2
GND
VCC
OEA
CLK0
CLK0
VCC
SEL0
GND
QB2
QB2
QB1 QB1
QB0
QB0
QA2
QA2
VCC
VCC
OEB
CLK1
QA1
VCC
GND
VCC
QA1
VCC
QA0
QA0
GND
SEL1
CLK1
VCC
Figure 2. 32−Lead LQFP Pinout (Top View)
NB4L6254
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
Figure 3. 32−Lead QFN Pinout (Top View)
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
GND
VCC
OEA
CLK0
CLK0
VCC
SEL0
GND
QB2
QB2
QB1 QB1
QB0
QB0
QA2
QA2
VCC
VCC
OEB
CLK1
QA1
VCC
GND
VCC
QA1
VCC
QA0
QA0
GND
SEL1
CLK1
VCC
NB4L6254
Exposed Pad
(EP)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn