Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NB4L6254MNG Datasheet(PDF) 3 Page - ON Semiconductor

No. de Pieza. NB4L6254MNG
Descripción  2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L6254MNG Datasheet(HTML) 3 Page - ON Semiconductor

  NB4L6254MNG Hoja de datos HTML 1Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 2Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 3Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 4Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 5Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 6Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 7Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 8Page - ON Semiconductor NB4L6254MNG Hoja de datos HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NB4L6254
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin Name
I/O
Description
CLK0, CLK0
LVPECL Input
Differential reference clock signal input 0.
CLK1, CLK1
LVPECL Input
Differential reference clock signal input 1.
OEAb, OEB
LVCMOS Input
Output Enable
SEL0, SEL1
LVCMOS Input
Clock Switch Select
QA[0−2], QA[0−2]
QB[0−2], QB[0−2]
LVPECL Output
Differential LVPECL Clock Outputs, (banks A and B) Typically terminated with 50 W
resistor to VCC – 2.0 V.
GND
Power Supply
Negative Supply Voltage
VCC
Power Supply
Positive supply voltage. All VCC pins must be connected to the positive power supply
for correct DC and AC operation.
EP
The exposed pad (EP) on the QFN−32 package bottom is thermally connected to the
die for improved heat transfer out of the package. THe exposed pad must be attached
to a heat−sinking conduit. The pad is electrically connected to GND.
Table 2. FUNCTION TABLE
Control
Default
0
1
OEA
0
QA[0−2], QA[0−2] are active. Deassertion of
OEA can be asynchronous to the reference
clock without generation of output runt pulses
QA[0−2] = L, QA[0−2] = H (outputs disabled). Assertion of
OE can be asynchronous to the reference clock without
generation of output runt pulses
OEB
0
QB[0−2], QB[0−2] are active. Deassertion of
OEB can be asynchronous to the reference
clock without generation of output runt pulses
QB[0−2] = L, QB[0−2] = H (outputs disabled). Assertion of
OE can be asynchronous to the reference clock without
generation of output runt pulses
SEL0,
SEL1
00
Refer to Table 3
Refer to Table 3
Table 3. CLOCK SELECT CONTROL
SEL0
SEL1
CLK0 Routed To
CLK1 Routed to
Application Mode
0
0
QA[0:2] and QB[0:2]
1:6 Fanout of CLK0
0
1
QA[0:2] and QB[0:2]
1:6 Fanout of CLK1
1
0
QA[0:2]
QB[0:2]
Dual 1:3 Buffer
1
1
QB[0:2]
QA[0:2]
Dual 1:3 Buffer (Crossed)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn