Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1066ASU-REEL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADM1066ASU-REEL
Descripción Electrónicos  Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1066ASU-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADM1066ASU-REEL Datasheet HTML 1Page - Analog Devices ADM1066ASU-REEL Datasheet HTML 2Page - Analog Devices ADM1066ASU-REEL Datasheet HTML 3Page - Analog Devices ADM1066ASU-REEL Datasheet HTML 4Page - Analog Devices ADM1066ASU-REEL Datasheet HTML 5Page - Analog Devices ADM1066ASU-REEL Datasheet HTML 6Page - Analog Devices ADM1066ASU-REEL Datasheet HTML 7Page - Analog Devices ADM1066ASU-REEL Datasheet HTML 8Page - Analog Devices ADM1066ASU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADM1066
Rev. 0 | Page 4 of 32
SPECIFICATIONS
VH = 3.0 V to 14.4 V1, VPn = 3.0 V to 6.0 V1, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY ARBITRATION
VH, VPn
3.0
V
Minimum supply required on one of VPn, VH
VP
6.0
V
Maximum VDDCAP = 5.1 V, typical
VH
14.4
V
VDDCAP = 4.75 V
VDDCAP
2.7
4.75
5.4
V
Regulated LDO output
CVDDCAP
10
µF
Minimum recommended decoupling capacitance
POWER SUPPLY
Supply Current, IVH, IVPn
4.2
6
mA
VDDCAP = 4.75 V, PDO1–10 off, DACs off, ADC off
Additional Currents
All PDO FET Drivers On
1
mA
VDDCAP = 4.75 V, PDO1-6 loaded with 1 µA each,
PDO7–10 off
Current Available from VDDCAP
2
mA
Maximum additional load that can be drawn from
all PDO pull-ups to VDDCAP
DACs Supply Current
2.2
mA
6 DACs on with 100 µA maximum load on each
ADC Supply Current
1
mA
Running round-robin loop
EEPROM Erase Current
10
mA
1 ms duration only, VDDCAP = 3 V
SUPPLY FAULT DETECTORS
VH Pin
Input Attenuator Error
±0.05
%
Midrange and high range
Detection Ranges
High Range
6
14.4
V
Midrange
2.5
6
V
VPn Pins
Input Attenuator Error
±0.05
%
Low range and midrange
Detection Ranges
Midrange
2.5
6
V
Low Range
1.25
3
V
Ultralow Range
0.573
1.375
V
No input attenuation error
VX Pins
Input Impedance
1
MΩ
Detection Ranges
Ultralow Range
0.573
1.375
V
No input attenuation error
Absolute Accuracy
±1
%
VREF error + DAC nonlinearity + comparator offset
error + input attenuation error
Threshold Resolution
8
Bits
Digital Glitch Filter
0
µs
Minimum programmable filter length
100
µs
Maximum programmable filter length
ANALOG-TO-DIGITAL CONVERTER
Signal Range
0
VREFIN
V
The ADC can convert signals presented to the VH,
VPn, and VX_GPIn pins. VPn and VH input signals
are attenuated depending on selected range. A
signal at the pin corresponding to the selected
range is from 0.573 V to 1.375 V at the ADC input.
Input Reference Voltage on REFIN Pin,
VREFIN
2.048
V
Resolution
12
Bits
INL
±2.5
LSB
Endpoint corrected, VREFIN = 2.048 V
Gain Error
±0.05
%
VREFIN = 2.048 V


Número de pieza similar - ADM1066ASU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1066ASUZ AD-ADM1066ASUZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ-REEL AD-ADM1066ASUZ-REEL Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ-REEL7 AD-ADM1066ASUZ-REEL7 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results

Descripción similar - ADM1066ASU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com