Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM48BF096T240A00 Datasheet(PDF) 8 Page - Vicor Corporation

No. de pieza BCM48BF096T240A00
Descripción Electrónicos  Isolated Fixed Ratio DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BF096T240A00 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM48BF096T240A00 Datasheet HTML 4Page - Vicor Corporation BCM48BF096T240A00 Datasheet HTML 5Page - Vicor Corporation BCM48BF096T240A00 Datasheet HTML 6Page - Vicor Corporation BCM48BF096T240A00 Datasheet HTML 7Page - Vicor Corporation BCM48BF096T240A00 Datasheet HTML 8Page - Vicor Corporation BCM48BF096T240A00 Datasheet HTML 9Page - Vicor Corporation BCM48BF096T240A00 Datasheet HTML 10Page - Vicor Corporation BCM48BF096T240A00 Datasheet HTML 11Page - Vicor Corporation BCM48BF096T240A00 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
BCM® Bus Converter
Rev 1.4
vicorpower.com
Page 8 of 20
08/2016
800 927.9474
BCM48Bx096y240A00
Application Characteristics
The following values, typical of an application environment, are collected at TCASE = 25ºC unless otherwise noted. See associated figures for general trend data.
Input Voltage (V)
-40°C
100°C
T
CASE:
25°C
1
2
3
4
5
6
7
8
9
10
11
38
40
42
44
46
47
49
51
53
55
Case Temperature (°C)
38V
48V
55V
V
IN:
94
96
98
-40
-20
0
20
40
60
80
100
Load Current (A)
V
IN:
38V
48V
55V
60
64
68
72
76
80
84
88
92
96
0
2.5
5
7.5
10 12.5
15 17.5
20 22.5
25
Figure 2 — No load power dissipation vs. Vin
Figure 3 — Full load efficiency vs. temperature; Vin
Figure 4 — Efficiency at TCASE = -40°C
Load Current (A)
V
IN:
38 V
48 V
55 V
0
2.5
5
7.5
10 12.5
15 17.5
20 22.5
25
74
77
80
83
86
89
92
95
98
Figure 6 — Efficiency at TCASE = 25°C
Load Current (A)
38V
48V
55V
V
IN:
0
4
8
12
16
20
24
28
32
0
2.5
5
7.5
10 12.5
15 17.5
20 22.5
25
Figure 5 — Power dissipation at TCASE = -40°C
Load Current (A)
V
IN:
38 V
48 V
55 V
0
2.5
5
7.5
10 12.5
15 17.5
20 22.5
25
0
3
6
9
12
15
18
21
Figure 7 — Power dissipation at TCASE = 25°C


Número de pieza similar - BCM48BF096T240A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BF096T240A00 VICOR-BCM48BF096T240A00 Datasheet
2Mb / 18P
   BCM48BF096T240A00
More results

Descripción similar - BCM48BF096T240A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com