Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM352T125T300A00 Datasheet(PDF) 1 Page - Vicor Corporation

No. de pieza BCM352T125T300A00
Descripción Electrónicos  Isolated Fixed Ratio DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM352T125T300A00 Datasheet(HTML) 1 Page - Vicor Corporation

  BCM352T125T300A00 Datasheet HTML 1Page - Vicor Corporation BCM352T125T300A00 Datasheet HTML 2Page - Vicor Corporation BCM352T125T300A00 Datasheet HTML 3Page - Vicor Corporation BCM352T125T300A00 Datasheet HTML 4Page - Vicor Corporation BCM352T125T300A00 Datasheet HTML 5Page - Vicor Corporation BCM352T125T300A00 Datasheet HTML 6Page - Vicor Corporation BCM352T125T300A00 Datasheet HTML 7Page - Vicor Corporation BCM352T125T300A00 Datasheet HTML 8Page - Vicor Corporation BCM352T125T300A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
BCM352x125y300A00
BCM® Bus Converter
Rev 2.0
vicorpower.com
Page 1 of 21
08/2016
800 927.9474
BCM® Bus Converter
Isolated Fixed Ratio DC-DC Converter
S
NRTL
CUS
C
US
®
Features & Benefits
352VDC – 12.5VDC 300W Bus Converter
High efficiency (>95%) reduces
system power consumption
High power density (1000W/in3) reduces
power system footprint by >40%
“Full Chip” VI Chip® package enables surface mount,
low impedance interconnect to system board
Contains built-in protection features against:
n
Undervoltage
n
Overvoltage
n
Overcurrent
n
Short Circuit
n
Overtemperature
Provides enable/disable control,
internal temperature monitoring
ZVS/ZCS Resonant Sine Amplitude Converter topology
Can be paralleled to create multi-kW arrays
Typical Application
High End Computing Systems
Automated Test Equipment
High Density Power Supplies
Description
The VI Chip® Bus Converter is a high efficiency (>95%) Sine
Amplitude ConverterTM (SACTM) operating from a 330 to 365VDC
primary bus to deliver an isolated ratiometric output voltage from
11.79 to 13.04VDC. The SAC offers a low AC impedance beyond
the bandwidth of most downstream regulators, meaning that
input capacitance normally located at the input of a regulator
can be located at the input to the SAC. Since the K factor of the
BCM352x125y300A00 is 1/28, that capacitance value can be
reduced by a factor of 784x, resulting in savings of board area,
materials and total system cost.
The BCM352F125y300A00 is provided in a VI Chip package
compatible with standard pick-and-place and surface mount
assembly processes. The VI Chip package provides flexible thermal
management through its low junction-to-case and junction-to-
board thermal resistance. With high conversion efficiency the
BCM352x125y300A00 increases overall system efficiency and
lowers operating costs compared to conventional approaches.
Typical Application
For Storage and Operating Temperatures see Section 6.0 General Characteristics
Part Numbering
Product Ratings
VIN = 352V (330 – 365V)
POUT = up to 300W
VOUT = 12.5V (11.79 – 13.04V)
(no load)
K = 1/28
Product Number
Package Style (x)
Product Grade (y)
BCM352x125y300A00
F = J-Lead
T = -40° to 125°C
T = Through hole
SW1
enable / disable
switch
F1
V
C1
1µF
IN
PC
TM
-OUT
+OUT
-IN
+IN
BCM®
POL
POL
POL
POL (8)
VOUT


Número de pieza similar - BCM352T125T300A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM352T110M300B00 VICOR-BCM352T110M300B00 Datasheet
2Mb / 19P
   Fixed Ratio DC-DC Converter
BCM352T110M300B00 VICOR-BCM352T110M300B00 Datasheet
854Kb / 21P
   High power density
BCM352T110T300B00 VICOR-BCM352T110T300B00 Datasheet
2Mb / 19P
   Fixed Ratio DC-DC Converter
BCM352T110T300B00 VICOR-BCM352T110T300B00 Datasheet
854Kb / 21P
   High power density
More results

Descripción similar - BCM352T125T300A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com