Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM3814X60E15A3YZZ Datasheet(PDF) 4 Page - Vicor Corporation

No. de pieza BCM3814X60E15A3YZZ
Descripción Electrónicos  Isolated Fixed-Ratio DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814X60E15A3YZZ Datasheet(HTML) 4 Page - Vicor Corporation

  BCM3814X60E15A3YZZ Datasheet HTML 1Page - Vicor Corporation BCM3814X60E15A3YZZ Datasheet HTML 2Page - Vicor Corporation BCM3814X60E15A3YZZ Datasheet HTML 3Page - Vicor Corporation BCM3814X60E15A3YZZ Datasheet HTML 4Page - Vicor Corporation BCM3814X60E15A3YZZ Datasheet HTML 5Page - Vicor Corporation BCM3814X60E15A3YZZ Datasheet HTML 6Page - Vicor Corporation BCM3814X60E15A3YZZ Datasheet HTML 7Page - Vicor Corporation BCM3814X60E15A3YZZ Datasheet HTML 8Page - Vicor Corporation BCM3814X60E15A3YZZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
BCM® in a VIA Package
Rev 1.4
vicorpower.com
Page 4 of 39
09/2016
800 927.9474
BCM3814x60E15A3yzz
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
+HI to –HI
-1
80
V
HI_DC or LO_DC slew rate
1
V/µs
+LO to –LO
-1
20
V
EXT BIAS to SGND
-0.3
10
V
0.15
A
SCL to SGND
-0.3
5.5
V
SDA to SGND
-0.3
5.5
V
ADDR to SGND
-0.3
3.6
V
Dielectric Withstand*
See note below
High Voltage Side to Case
Basic Insulation
1500
VDC
High Voltage Side to
Low Voltage Side
Basic Insulation
1500
VDC
Low Voltage Side to Case
Functional Insulation
N/A
VDC
* The SELV Side (-LO) is directly connected to the case of the BCM in a VIA package.


Número de pieza similar - BCM3814X60E15A3YZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM3814X60E15A3YZZ VICOR-BCM3814X60E15A3YZZ Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814X60E15A3YZZ VICOR-BCM3814X60E15A3YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Descripción similar - BCM3814X60E15A3YZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com