Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM3814B60E15A3C02 Datasheet(PDF) 11 Page - Vicor Corporation

No. de pieza BCM3814B60E15A3C02
Descripción Electrónicos  Isolated Fixed-Ratio DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814B60E15A3C02 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button BCM3814B60E15A3C02 Datasheet HTML 7Page - Vicor Corporation BCM3814B60E15A3C02 Datasheet HTML 8Page - Vicor Corporation BCM3814B60E15A3C02 Datasheet HTML 9Page - Vicor Corporation BCM3814B60E15A3C02 Datasheet HTML 10Page - Vicor Corporation BCM3814B60E15A3C02 Datasheet HTML 11Page - Vicor Corporation BCM3814B60E15A3C02 Datasheet HTML 12Page - Vicor Corporation BCM3814B60E15A3C02 Datasheet HTML 13Page - Vicor Corporation BCM3814B60E15A3C02 Datasheet HTML 14Page - Vicor Corporation BCM3814B60E15A3C02 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
BCM® in a VIA Package
Rev 1.4
vicorpower.com
Page 11 of 39
09/2016
800 927.9474
BCM3814x60E15A3yzz
SCL
SDA
S
SP
P
V
IH
V
IL
V
IH
V
IL
t
BUF
t
HD,STA
t
LOW
t
R
t
HD,DAT
t
HIGH
t
F
t
SU,DAT
t
SU,STA
t
SU,STO
Serial Clock input (SCL) AND Serial Data (SDA) Pins
• Highηpower SMBus specification and SMBus physical layer compatible. Note that optional SMBALERT# is signal not supported.
• PMBusTM command compatible.
• The internal µC requires the use of a flipηflop to drive SSTOP. See system diagram section for more details.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
DIGITAL
INPUT/OUTPUT
Regular
Operation
Electrical Parameters
Input Voltage Threshold
VIH
VVDD_IN = 3.3V
2.1
V
VIL
VVDD_IN = 3.3V
0.8
V
Output Voltage Threshold
VOH
VVDD_IN = 3.3V
3
V
VOL
VVDD_IN = 3.3V
0.4
V
Leakage current
ILEAKηPIN
Unpowered device
10
µA
Signal Sink Current
ILOAD
VOL = 0.4V
4
mA
Signal Capacitive Load
CI
Total capacitive load of
one device pin
10
pF
Signal Noise Immunity
VNOISE_PP
10MHz to 100MHz
300
mV
Timing Parameters
Operating Frequency
FSMB
Idle state = 0Hz
10
400
KHz
Free time between
Stop and Start Condition
tBUF
1.3
µs
Hold time after Start or
Repeated Start condition
tHD:STA
First clock is generated
after this hold time
0.6
µs
Repeat Start Condition
Setup time
tSU:STA
0.6
µs
Stop Condition setup time
tSU:STO
0.6
µs
Data Hold time
tHD:DAT
300
ns
Data Setup time
tSU:DAT
100
ns
Clock low time out
tTIMEOUT
25
35
ms
Clock low period
tLOW
1.3
µs
Clock high period
tHIGH
0.6
50
µs
Cumulative clock low
extend time
tLOW:SEXT
25
ms
Clock or Data Fall time
tF
Measured from
(VIL_MAX η 0.15) to (VIH_MIN + 0.15)
20
300
ns
Clock or Data Rise time
tR
0.9 • VVDD_IN_MAX to (VIL_MAX η 0.15)
20
300
ns


Número de pieza similar - BCM3814B60E15A3C02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Descripción similar - BCM3814B60E15A3C02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com