Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM4414BD1E13A2C02 Datasheet(PDF) 6 Page - Vicor Corporation

No. de pieza BCM4414BD1E13A2C02
Descripción Electrónicos  Isolated Fixed-Ratio DC-DC Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM4414BD1E13A2C02 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BCM4414BD1E13A2C02 Datasheet HTML 2Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 3Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 4Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 5Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 6Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 7Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 8Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 9Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
BCM® in a VIA Package
Rev 1.5
vicorpower.com
Page 6 of 42
10/2016
800 927.9474
BCM4414xD1E13A2yzz
Electrical Specifications
Specifications apply over all line and load conditions, unless otherwise noted;
boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); all other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powertrain Specification – Forward Direction Operation (High Voltage Side to Low Voltage Side)
HI Side Voltage Range,
Continuous
VHI_DC
260
410
V
HI Side Voltage Range,
Transient
VHI_TRANS
260
410
V
HI Side Voltage Initialization
Threshold
VµC_ACTIVE
HI side voltage where internal controller is initialized,
(powertrain inactive)
130
V
HI Side Quiescent Current
IHI_Q
Disabled, VHI_DC = 384V
2
mA
TCASE ≤ 100ºC
4
No Load Power Dissipation
PHI_NL
VHI_DC = 384V, TCASE = 25ºC
11
15
W
VHI_DC = 384V
5.9
24
VHI_DC = 260V to 410V, TCASE = 25 ºC
16
VHI_DC = 260V to 410V
25
HI Side Inrush Current Peak
IHI_INR_PK
VHI_DC = 410V, CLO_EXT = 1000µF, RLOAD_LO = 25% of full
load current
10
A
TCASE ≤ 100ºC
15
DC HI Side Current
IHI_IN_DC
At ILO_OUT_DC = 125A, TCASE ≤ 90ºC
4.1
A
Transformation Ratio
K
High Voltage to Low Voltage, K = VLO_DC / VHI_DC,
at no load
1/32
V/V
LO Side Current (continuous)
ILO_OUT_DC
TCASE ≤ 90°C
125
A
LO Side Current (pulsed)
ILO_OUT_PULSE
2ms pulse, 25% duty cycle, ILO_OUT_AVG ≤ 50% rated
ILO_OUT_DC
167
A
Efficiency (ambient)
h
AMB
VHI_DC = 384V, ILO_OUT_DC = 125A
96.2
97
%
VHI_DC = 260V to 410V, ILO_OUT_DC = 125A
95.2
VHI_DC = 384V, ILO_OUT_DC = 62.5A
96.5
97.4
Efficiency (hot)
h
HOT
VHI_DC = 384V, ILO_OUT_DC = 125A, TCASE = 85°C
95.8
97
%
Efficiency (over load range)
h
20%
25A < ILO_OUT_DC < 125A
95
%
LO Side Output Resistance
RLO_COLD
VHI_DC = 384V, ILO_OUT_DC = 125A, TCASE = -40°C
1.6
1.9
2.3
RLO_AMB
VHI_DC = 384V, ILO_OUT_DC = 125A
2.0
2.4
2.8
RLO_HOT
VHI_DC = 384V, ILO_OUT_DC = 125A, TCASE = 85°C
2.5
2.8
3.2
Switching Frequency
FSW
LO side voltage ripple frequency = 2x FSW
0.95
1.00
1.05
MHz
LO Side Voltage Ripple
VLO_OUT_PP
CLO_EXT = 0µF, ILO_OUT_DC = 125A, VHI_DC = 384V,
20MHz BW
195
mV
TCASE ≤ 100ºC
250


Número de pieza similar - BCM4414BD1E13A2C02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM4414BD1E13A2C02 VICOR-BCM4414BD1E13A2C02 Datasheet
1Mb / 40P
   Isolated, Fixed-Ratio DC-DC Converter
More results

Descripción similar - BCM4414BD1E13A2C02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com