Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM3814V60E15A3T06 Datasheet(PDF) 8 Page - Vicor Corporation

No. de pieza BCM3814V60E15A3T06
Descripción Electrónicos  Isolated Fixed-Ratio DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814V60E15A3T06 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM3814V60E15A3T06 Datasheet HTML 4Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 5Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 6Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 7Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 8Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 9Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 10Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 11Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
BCM® in a VIA Package
Rev 1.4
vicorpower.com
Page 8 of 39
09/2016
800 927.9474
BCM3814x60E15A3yzz
Case Temperature (
°C)
36 – 60V
0
20
40
60
80
100
120
140
160
-60
-40
-20
0
20
40
60
80
100
120
LO Side Current (% I
LO_DC)
0
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
Figure 3 — Specified HI side start-up into load current and external capacitance
HI Side Voltage (V)
I
LO_OUT_DC
I
LO_OUT_PULSE
0
20
40
60
80
100
120
140
160
180
200
36 38 40 42 44 46 48 50 52 54 56 58 60
HI Side Voltage (V)
P
LO_OUT_DC
P
LO_OUT_PULSE
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
36 38 40 42 44 46 48 50 52 54 56 58 60
Figure 1 — Specified thermal operating area
Figure 2 — Specified electrical operating area using rated RLO_HOT
1. The BCM in a VIA Package is cooled through bottom case (bottom housing).
2. The thermal rating of the BCM in a VIA Package is based on typical measured device efficiency.
3. The case temperature in the graph is the measured temperature of the bottom housing, such that operating internal junction temperature of the BCM in a
VIA Package does not exceed 125°C.


Número de pieza similar - BCM3814V60E15A3T06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM3814V60E15A3T06 VICOR-BCM3814V60E15A3T06 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814V60E15A3T06 VICOR-BCM3814V60E15A3T06 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Descripción similar - BCM3814V60E15A3T06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com