Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM3814V60E15A3T06 Datasheet(PDF) 1 Page - Vicor Corporation

No. de pieza BCM3814V60E15A3T06
Descripción Electrónicos  Isolated Fixed-Ratio DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814V60E15A3T06 Datasheet(HTML) 1 Page - Vicor Corporation

  BCM3814V60E15A3T06 Datasheet HTML 1Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 2Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 3Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 4Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 5Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 6Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 7Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 8Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
BCM® in a VIA Package
Rev 1.4
vicorpower.com
Page 1 of 39
09/2016
800 927.9474
BCM® in a VIA Package
Bus Converter
Isolated Fixed-Ratio DC-DC Converter
BCM3814x60E15A3yzz
Features & Benefits
Up to 130A continuous low voltage side current
Fixed transformation ratio(K) of 1/4
Up to 1000W/in3 power density
97.3% peak efficiency
Integrated ceramic capacitance filtering
Parallel operation for multi-kW arrays
OV, OC, UV, short circuit and thermal protection
3814 package
High MTBF
Thermally enhanced VIA™ package
PMBus™ management interface
Typical Applications
DC Power Distribution
Information and Communication
Technology (ICT) Equipment
High End Computing Systems
Automated Test Equipment
Industrial Systems
High Density Energy Systems
Transportation
Product Description
The BCM in a VIA package is a high efficiency Bus Converter,
operating from a 36 to 60VDC high voltage bus to deliver an
isolated 9 to 15VDC unregulated, low voltage.
This unique ultra-low profile module incorporates DC-DC
conversion, integrated filtering and PMBus™ commands and
controls in a chassis or PCB mount form factor.
The BCM offers low noise, fast transient response and industry
leading efficiency and power density. A low voltage side referenced
PMBus™ compatible telemetry and control interface provides
access to the BCM’s internal controller configuration, fault
monitoring, and other telemetry functions.
Leveraging the thermal and density benefits of Vicor’s VIA
packaging technology, the BCM module offers flexible thermal
management options with very low top and bottom side thermal
impedances.
When combined with downstream Vicor DC-DC conversion
components and regulators, the BCM allows the Power Design
Engineer to employ a simple, low-profile design which will
differentiate the end system without compromising on cost or
performance metrics.
Part Ordering Information
Product Ratings
VHI = 54V (36 – 60V)
ILO = up to 130A
VLO = 13.5V (9 – 15V)
(no load)
K = 1/4
[1] High Temperature Current Derating may apply; See Figure 1, specified thermal operating area.
Size:
3.76 x 1.40 x 0.37 in
95.59 x 35.54 x 9.40 mm
Product
Function
Package
Length
Package
Width
Package
Type
Max
High
Side
Voltage
High
Side
Voltage
Range
Ratio
Max
Low
Side
Voltage
Max
Low
Side
Current
Product Grade
(Case Temperature)
Option Field
BCM
38
14
x
60
E
15
A3
y
zz
BCM =
Bus Converter
Module
Length in
Inches x 10
Width in
Inches x 10
B = Board VIA
V = Chassis VIA
Internal Reference
C = -20 to 100°C[1]
T = -40 to 100°C[1]
02 = Chassis/PMBus
06 = Short Pin/PMBus
10 = Long Pin/PMBus


Número de pieza similar - BCM3814V60E15A3T06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM3814V60E15A3T06 VICOR-BCM3814V60E15A3T06 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814V60E15A3T06 VICOR-BCM3814V60E15A3T06 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Descripción similar - BCM3814V60E15A3T06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com