Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMF8.0CA Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

No. de pieza SMF8.0CA
Descripción Electrónicos  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMF8.0CA Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMF8.0CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMF8.0CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMF8.0CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMF5.0A(CA) - SMF170A(CA)
POWER: 200Wa t t s
VOLTAGE RANGE: 5.0 - 17 0V
1 of 3
( cathode ) except for bidirectional
Symbol
Value
Unit
Maximum PPK Dissipation (PW - 10/1000 μs)
200
W
Maximum PPK Dissipation @ Ta = 25 °C (PW - 8/10 μs) (Note 2)
PPK
1000
W
DC Power Dissipation @ Ta = 25 °C
(Note 3)
PD
385
mW
Derate above 25 °C
4.0
mW/°C
Thermal Resistance, Junction to Ambient (Note 3)
RӨJA
325
°C/W
Thermal Resistance, Junction to Lead (Note 3)
RӨJL
26
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes :
(1) Non−repetitive current pulse at Ta = 25°C, per waveform of Fig. 2.
(2) Non−repetitive current pulse at Ta = 25°C, per waveform of Fig. 5.
(3) Mounted with recommended minimum pad size, DC board FR
−4.
PPK
For surface mounted applications
Low profile package
clamping capability
Mounting position: Any
cycle):0.01%
Polarity: Color band denotes positive end
High temperature soldering guaranteed:
260 ℃/10 seconds, at terminals
200W peak pulse power capability with a10/1000 µ
Features
Mechanical Data
www.sunmate.tw
Case: JEDEC SOD-123FL, molded plastic
over passivated chip
Low incremental surge resistance, excellent
s
wave from,repetition rate (duty
!
!
!
!
!
!
!
!
Weight: 0.006 ounces, 0.02 gram
!
3.58 3.72
0.55
0.57
0.53
0.15
0.17
0.13
E
D
1.00
1.03
0.097
1.05
1.08
1.02
1
1.80
1.83
1.77
2.75
2.78
2.72
A
3.65
3
SOD-123FL
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
A
E
L
B
C
E
H
D
Characteristic
Maximum Ratings T
A = 25
°C unless otherwise specified
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE


Número de pieza similar - SMF8.0CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMF8.0CA MCC-SMF8.0CA Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
SAMYANG ELECTRONICS CO....
SMF8.0CA SAMYANG-SMF8.0CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMF8.0CA LUGUANG-SMF8.0CA Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Microdiode Electronics ...
SMF8.0CA CHENDA-SMF8.0CA Datasheet
1,012Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMF8.0CA MCC-SMF8.0CA Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Descripción similar - SMF8.0CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com