Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6269A Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

No. de pieza 1N6269A
Descripción Electrónicos  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MDE [MDE Semiconductor, Inc.]
Página de inicio  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

1N6269A Datasheet(HTML) 2 Page - MDE Semiconductor, Inc.

  1N6269A Datasheet HTML 1Page - MDE Semiconductor, Inc. 1N6269A Datasheet HTML 2Page - MDE Semiconductor, Inc. 1N6269A Datasheet HTML 3Page - MDE Semiconductor, Inc. 1N6269A Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
11/13/2013
MDE Semiconductor, Inc.
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
1N6267 to 1N6303 and 1.5KE SERIES
RATING AND CHARACTERISTIC CURVES 1.5KE SERIES
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414


Número de pieza similar - 1N6269A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DAESAN ELECTRONIC CORP.
1N6269A DAESAN-1N6269A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1N6269A TRSYS-1N6269A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6269A DAESAN-1N6269A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6269A LUGUANG-1N6269A Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Vishay Siliconix
1N6269A VISHAY-1N6269A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Descripción similar - 1N6269A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com