Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3522EFV Datasheet(PDF) 3 Page - Rohm

No. de pieza BD3522EFV
Descripción Electrónicos  Ultra Low Dropout Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3522EFV Datasheet(HTML) 3 Page - Rohm

  BD3522EFV Datasheet HTML 1Page - Rohm BD3522EFV Datasheet HTML 2Page - Rohm BD3522EFV Datasheet HTML 3Page - Rohm BD3522EFV Datasheet HTML 4Page - Rohm BD3522EFV Datasheet HTML 5Page - Rohm BD3522EFV Datasheet HTML 6Page - Rohm BD3522EFV Datasheet HTML 7Page - Rohm BD3522EFV Datasheet HTML 8Page - Rohm BD3522EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3/23
BD3522EFV
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A601000-1-2
02.Nov.2015 Rev.001
Description of Blocks
–continued
6.
NRCS (Non Rush Current on Start-up)
The soft start function enabled by connecting an external capacitor between the NRCS pin and GND. Output ramp-up
can be set for any period up to the time the NRCS pin reaches VFB (0.65V). During startup, the NRCS pin serves as a
20
μA (TYP) constant current source to charge the external capacitor. Output start time is calculated by the formula
below.
 
NRCS
FB
NRCS
NRCS
I
V
C
typ
t
7.
TSD (Thermal Shut down)
The shutdown (TSD) circuit is automatically latched OFF when the chip temperature exceeds the threshold
temperature after the programmed time period elapses, thus protecting
the IC against “thermal runaway” and heat
damage. Since the TSD circuit is designed only to shut down the IC in the occurrence of extreme heat, it is important
that the Tj (max) parameter should not be exceeded in the thermal design, in order to avoid potential problems with the
TSD.
 
A
V
C
typ
t
SCPTH
SCP
TSD
20
8.
IN
The IN line acts as the major current supply line, and is connected to the output N-Channel FET drain. Since there is
no electrical connection (such as between the VCC pin and the ESD protection diode) required, IN operates
independent of the input sequence. However, since an output N-Channel FET body diode exists between IN and OUT,
a VIN-VOUT electric (diode) connection is present. Therefore, when output is switched ON or OFF, reverse current may
flow from OUT to IN.
9.
SCP
When output voltage (OUT) drops, the IC assumes that OUT pin is shorted to GND and switches the output voltage
OFF. After the GND short has been detected and the programmed delay time has elapsed, the output is latched OFF.
SCP is also effective during output startup. SCP condition can be cleared either by reconnecting the EN pin or VCC pin.
Delay time is calculated by the formula below.
Absolute Maximum Ratings(Ta=25°C)
Parameter
Symbol
Limit
Unit
Input Voltage 1
VCC
6.0 (Note 1)
V
Input Voltage 2
VIN
6.0 (Note 1)
V
Maximum Output Current
IOUT
4(Note 1)
A
Enable Input Voltage
VEN
6.0
V
Power Dissipation 1
Pd1
1.00 (Note 2)
W
Power Dissipation 2
Pd2
1.45 (Note 3)
W
Power Dissipation 3
Pd3
2.31 (Note 4)
W
Power Dissipation 4
Pd4
3.20 (Note 5)
W
Operating Temperature Range
Topr
-10 to +100
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Maximum Junction Temperature
Tjmax
+150
°C
(Note 1) Should not exceed Pd.
(Note 2) Derate by 8mW/°C for Ta above 25°C (when mounted on a 70mm x 70mm x 1.6mm glass-epoxy board, no copper foil area)
(Note 3) Derate by 11.6mW/°C for Ta above 25°C (when mounted on a 70mm x 70mm x 1.6mm glass-epoxy board, 2-layer, copper foil area : 15mm x 15mm)
(Note 4) Derate by 18.5mW/°C for Ta above 25°C (when mounted on a 70mm x 70mm x 1.6mm glass-epoxy board, 2-layer, copper foil area : 70mm x 70mm)
(Note 5) Derate by 25.6mW/°C for Ta above 25°C (when mounted on a 70mm x 70mm x 1.6mm glass-epoxy board, 4-layer, copper foil area : 70mm x 70mm)
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
 
SCP
SCPTH
SCP
SCP
I
V
C
typ
t


Número de pieza similar - BD3522EFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
More results

Descripción similar - BD3522EFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9081A RICHTEK-RT9081A Datasheet
257Kb / 12P
   Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ1118 HTC-TJ1118 Datasheet
558Kb / 10P
   Ultra Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com