Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3532F-E2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BD3532F-E2
Descripción Electrónicos  Termination Regulator for DDR-SDRAMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3532F-E2 Datasheet(HTML) 1 Page - Rohm

  BD3532F-E2 Datasheet HTML 1Page - Rohm BD3532F-E2 Datasheet HTML 2Page - Rohm BD3532F-E2 Datasheet HTML 3Page - Rohm BD3532F-E2 Datasheet HTML 4Page - Rohm BD3532F-E2 Datasheet HTML 5Page - Rohm BD3532F-E2 Datasheet HTML 6Page - Rohm BD3532F-E2 Datasheet HTML 7Page - Rohm BD3532F-E2 Datasheet HTML 8Page - Rohm BD3532F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/15
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
TSZ02201-0J2J0A900960-1-2
02.Nov.2015 Rev.001
Termination Regulator for DDR-SDRAMs
BD3532F
General Description
BD3532F is a termination regulator that complies with
JEDEC requirements for DDR-SDRAM. This linear
power supply uses a built-in N-channel MOSFET and
high-speed OP-AMPS specially designed to provide
excellent transient response. It has a sink/source
current capability up to 3A and has a power supply
bias requirement of 5.0V for driving the N-channel
MOSFET. By employing an independent reference
voltage input (VDDQ) and a feedback pin (VTTS), this
termination regulator provides excellent output voltage
accuracy and load regulation as required by JEDEC
standards. Additionally, BD3532F has a reference
power supply output (VREF) for DDR-SDRAM or for
memory controllers. Unlike the VTT output that goes to
“Hi-Z” state, the VREF output is kept unchanged when
EN input is changed to “Low”, making this IC suitable
for DDR-
SDRAM under “Self Refresh” state.
Features
Incorporates a Push-Pull Power Supply for
Termination (VTT)
Incorporates a Reference Voltage Circuit (VREF)
Incorporates an Enabler
Incorporates an Undervoltage Lockout (UVLO)
Incorporates a Thermal Shutdown Protector (TSD)
Compatible with Dual Channel (DDR-II)
Applications
Power supply for DDR I/II - SDRAM
Key Specifications
Termination Input Voltage Range:
1.0V to 5.5V
VCC Input Voltage Range:
4.3V to 5.5V
Output Voltage:
1/2xVVDDQ V(Typ)
Output Current:
3.0A(Max)
High side FET ON-Resistance:
0.2
Ω(Typ)
Low side FET ON-Resistance:
0.2
Ω(Typ)
Standby Current:
0.8mA (Typ)
Operating Temperature Range:
-40°C to +100°C
Package
W(Typ) x D(Typ) x H(Max)
Typical Application Circuit, Block Diagram
SOP8
5.00mm x 6.20mm x 1.71mm
Reference
Block
Thermal
Protection
VCC
VCC
VCC
UVLO
50kΩ
50kΩ
TSD
VCC
VCC
SOFT
UVLO
TSD
EN
UVLO
TSD
EN
UVLO
VCC
VREF
VDDQ
½ x
VTTS
VTT
VTT
VDDQ
VTT_IN
VDDQ
VTT_IN
UVLO
GND
Enable
EN
EN
Datasheet
Datasheet


Número de pieza similar - BD3532F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3532F ROHM-BD3532F Datasheet
231Kb / 6P
   Regulator IC for Memory Termination
BD3532F ROHM-BD3532F Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
More results

Descripción similar - BD3532F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com