Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD11670GWL-E2 Datasheet(PDF) 4 Page - Rohm

No. de pieza BD11670GWL-E2
Descripción Electrónicos  DPDT Type (Double Pole Double Throw)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD11670GWL-E2 Datasheet(HTML) 4 Page - Rohm

  BD11670GWL-E2 Datasheet HTML 1Page - Rohm BD11670GWL-E2 Datasheet HTML 2Page - Rohm BD11670GWL-E2 Datasheet HTML 3Page - Rohm BD11670GWL-E2 Datasheet HTML 4Page - Rohm BD11670GWL-E2 Datasheet HTML 5Page - Rohm BD11670GWL-E2 Datasheet HTML 6Page - Rohm BD11670GWL-E2 Datasheet HTML 7Page - Rohm BD11670GWL-E2 Datasheet HTML 8Page - Rohm BD11670GWL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/12
TSZ02201-0232AH300120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.003
www.rohm.com
TSZ22111
• 15 • 001
BD11670GWL
Recommended Operating Conditions
(Ta= -40°C to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage Range (VCC)
VCC
3.0
3.6
5.5
V
Input Voltage Range (VBUS)
VBUS
3.8
5.0
28
V
Input Capacitance (VCC)
CVCC
1.0
-
-
µF
Input Capacitance (VBUS)
CVBUS
1.0
-
-
µF
VCCIN Capacitance
CVCCIN
0.01
0.1
1.0
µF
Electrical Characteristics
(Unless otherwise specified Vcc=3.6V VB=5.0V Ta=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Power Supply
VCC Supply Current
ISUPPLY_VCC
-
23
-
µA
Vcc=3.6V, Vbus =0V, SEL =0V
VBUS Supply Current
ISUPPLY_VB
-
26
-
µA
Vcc=0V, Vbus =5.0V, SEL =1.8V
Analog Switch
On-Resistance(SW1,SW2)
RON
-
5.0
-
Ω
Vcom=0V
SW1 On-Resistance Match Between
Chenels
Δ
RON(SW1)
-
0.2
-
Ω
SW2 On-Resistance Match Between
Chenels
Δ
RON(SW2)
-
0.2
-
Ω
Off Leak Current
(COM1,COM2,UNC1_X,UNC1_Y,
UNC2_X,UNC2_Y)
ILeak_off
-2
-
2
µA
SW1,SW2=OFF
On Leak Current
(COM1,COM2,UNC1_X,UNC1_Y,
UNC2_X,UNC2_Y)
ILeak_on
-2
-
2
µA
SW1,SW2=ON
Turn-On Time(UNC_X to COM)
ton1
-
4
-
µs
Vcc=3.6V, SEL=1.8V to 0V,
RL=50
Ω
Turn-On Time(UNC_Y to COM)
ton2
-
4
-
µs
Vcc=3.6V, SEL=0V to 1.8V,
RL=50
Ω
Turn-Off Time(UNC_X from COM)
toff1
-
0.5
-
µs
Vcc=3.6V, SEL=0V to 1.8V,
RL=50
Ω
Turn-Off Time(UNC_Y from COM)
toff2
-
0.5
-
µs
Vcc=3.6V, SEL=1.8V to 0V,
RL=50
Ω
Break-Before-Make Time Delay
tD
-
3.5
-
µs
RL=50
Ω
Switch Off Capacitance(SW1,SW2)
Coff
-
4.0
-
pF
Switch On Capacitance(SW1,SW2)
Con
-
6.0
-
pF
Logic Input
SEL Pin Input Logic-High
VIH
1.62
-
-
V
SEL Pin Input Logic-Low
VIL
-
-
0.4
V
SEL Pin Pull Down Resistance
RSEL
-
5
-
M
Ω
SEL=5V
Truth Table
Input
SW1
SW2
VCC
VBUS
SEL
OFF
OFF
Low
OFF
OFF
OFF
OFF
High
OFF
OFF
OFF
3.8V to 28V
Low
COM1-UNC1_X
COM2-UNC2_X
OFF
3.8V to 28V
High
COM1-UNC1_Y
COM2-UNC2_Y
3.0V to 5.5V
OFF
Low
COM1-UNC1_X
COM2-UNC2_X
3.0V to 5.5V
OFF
High
COM1-UNC1_Y
COM2-UNC2_Y
3.0V to 5.5V
3.8V to 28V
Low
COM1-UNC1_X
COM2-UNC2_X
3.0V to 5.5V
3.8V to 28V
High
COM1-UNC1_Y
COM2-UNC2_Y


Número de pieza similar - BD11670GWL-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BD116 ISC-BD116 Datasheet
252Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
BD11600NUX ROHM-BD11600NUX Datasheet
399Kb / 10P
   USB Switch ICs SPST Type(Single Pole Single Throw)
BD11601NUX ROHM-BD11601NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
BD11601NUX ROHM-BD11601NUX Datasheet
399Kb / 10P
   USB Switch ICs SPST Type(Single Pole Single Throw)
More results

Descripción similar - BD11670GWL-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
logo
Infineon Technologies A...
BGS22WL10 INFINEON-BGS22WL10 Datasheet
1Mb / 14P
   DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.6 - May 27, 2014
BGS22W2L10 INFINEON-BGS22W2L10 Datasheet
1Mb / 14P
   DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.4 - October 12, 2012
logo
Pasternack Enterprises,...
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
logo
TE Connectivity Ltd
H-14 TEC-H-14 Datasheet
277Kb / 1P
   n Double pole, double throw contacts
logo
Pasternack Enterprises,...
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6067 PASTERNACK-PE71S6067 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6069 PASTERNACK-PE71S6069 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6070 PASTERNACK-PE71S6070 Datasheet
422Kb / 4P
   Double Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com