Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD42500G-C Datasheet(PDF) 9 Page - Rohm

No. de pieza BD42500G-C
Descripción Electrónicos  50 mA Output Voltage Tracker
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD42500G-C Datasheet(HTML) 9 Page - Rohm

Back Button BD42500G-C Datasheet HTML 5Page - Rohm BD42500G-C Datasheet HTML 6Page - Rohm BD42500G-C Datasheet HTML 7Page - Rohm BD42500G-C Datasheet HTML 8Page - Rohm BD42500G-C Datasheet HTML 9Page - Rohm BD42500G-C Datasheet HTML 10Page - Rohm BD42500G-C Datasheet HTML 11Page - Rohm BD42500G-C Datasheet HTML 12Page - Rohm BD42500G-C Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/22
TSZ22111
• 15 • 001
TSZ02201-0G7G0AN00580-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2.Jun.2016 Rev.001
www.rohm.com
BD42500G-C
0
1
2
3
4
5
6
100
120
140
160
180
200
Junction Temperarure : Tj[℃]
0
1
2
3
4
5
6
0
50
100
150
200
250
300
Output Current : Io[mA]
Tj=150℃
Tj=25℃
Tj=-40℃
0
10
20
30
40
50
60
70
80
-40
0
40
80
120
160
Junction Temperarure : Tj[℃]
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
10
60
110
160
Junction Temperarure : Tj[℃]
Typical Performance Curves
– continued
Unless otherwise specified: -40
°C ≤ Tj ≤ +150 °C, VCC = 13.5 V, VADJ/EN = 5 V, Io = 0 mA.
Figure 9. Tracking Accuracy vs. Junction Temperature
(Io=10mA)
Figure 10. Circuit Current vs. Junction Temperature
Figure 11. Output Voltage vs. Output Current
(Over Current Protection)
Figure 12. Output Voltage vs. Junction Temperature
(Thermal Shut Down)


Número de pieza similar - BD42500G-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530FP2-C ROHM-BD42530FP2-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results

Descripción similar - BD42500G-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
   70 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
logo
ABLIC Inc.
S-19720 ABLIC-S-19720 Datasheet
821Kb / 29P
   AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 50 mA VOLTAGE TRACKER WITH REVERSE CURRENT PROTECTION
Rev.1.2_00
logo
Infineon Technologies A...
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com