Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2090F Datasheet(PDF) 2 Page - Rohm

No. de pieza BU2090F
Descripción Electrónicos  2-input Serial- in / Parallel- out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2090F Datasheet(HTML) 2 Page - Rohm

  BU2090F Datasheet HTML 1Page - Rohm BU2090F Datasheet HTML 2Page - Rohm BU2090F Datasheet HTML 3Page - Rohm BU2090F Datasheet HTML 4Page - Rohm BU2090F Datasheet HTML 5Page - Rohm BU2090F Datasheet HTML 6Page - Rohm BU2090F Datasheet HTML 7Page - Rohm BU2090F Datasheet HTML 8Page - Rohm BU2090F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
.
2/12
BU2090F BU2090FS
TSZ02201-0RHR1GZ00110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
TSZ22111・15・001
www.rohm.com
Pin Descriptions
Pin No.
Pin Name
I/O
Function
1
VSS
-
Ground
2
DATA
I
Serial data input
3
CLOCK
I
Serial clock input
4
Q0
O
Parallel data output
(Nch Open-Drain )
5
Q1
6
Q2
7
Q3
8
Q4
9
Q5
10
Q6
11
Q7
12
Q8
13
Q9
14
Q10
15
Q11
16
VDD
-
Power supply
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD
-0.3 to +7.0
V
Input Voltage
VIN
VSS-0.3 to VDD+0.3
V
Output Voltage
VO
VSS-0.3 to +25
V
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
Power Dissipation
PD
0.50
(Note 1)
W
0.65
(Note 2)
(Note 1) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.0mW per 1°C above 25°C.
(Note 2) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 6.5mW per 1°C above 25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions (TA=25℃, VSS=0V)
Parameter
Symbol
Limits
Unit
Power supply voltage
VDD
+2.7 to +5.5
V
Output voltage
VO
0 to +25
V


Número de pieza similar - BU2090F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2090F ROHM-BU2090F Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F-E2 ROHM-BU2090F-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090FS ROHM-BU2090FS Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
More results

Descripción similar - BU2090F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com