Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2152FS Datasheet(PDF) 8 Page - Rohm

No. de pieza BU2152FS
Descripción Electrónicos  4-input Serial-in / Parallel-out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 8 Page - Rohm

Back Button BU2152FS_15 Datasheet HTML 4Page - Rohm BU2152FS_15 Datasheet HTML 5Page - Rohm BU2152FS_15 Datasheet HTML 6Page - Rohm BU2152FS_15 Datasheet HTML 7Page - Rohm BU2152FS_15 Datasheet HTML 8Page - Rohm BU2152FS_15 Datasheet HTML 9Page - Rohm BU2152FS_15 Datasheet HTML 10Page - Rohm BU2152FS_15 Datasheet HTML 11Page - Rohm BU2152FS_15 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/12
BU2152FS
TSZ02201-0RHR1GZ00150-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Aug.2015 Rev.002
www.rohm.com
TSZ22111・15・001
I/O Equivalence Circuits
P1 to P24
SO
Power Dissipation
Power dissipation(total loss) indicates the power that can be consumed by IC at TA=25°C(normal temperature). IC is heated
when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and thermal
resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the maximum
value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead
frame of the package. The parameter which indicates this heat dissipation capability(hardness of heat release)is called
thermal resistance, represented by the symbol θJA (°C/W).The temperature of IC inside the package can be estimated by
this thermal resistance. Figure 6 shows the model of thermal resistance of the package. Thermal resistance θJA, ambient
temperature TA, maximum junction temperature TJmax, and power dissipation PD can be calculated by the equation below:
θJA = (TJmax - TA) / PD
(°C/W)
Derating curve in Figure 7 indicates power that can be consumed by IC with reference to ambient temperature. Power that
can be consumed by IC with reference to ambient temperature. Power that can be consumed by IC begins to attenuate at
certain ambient temperature. This gradient is determined by thermal resistance θJA. Thermal resistance θJA depends on
chip size, power consumption, package, ambient temperature, package condition, wind velocity, etc even when the same of
package is used. Thermal reduction curve indicates a reference value measured at a specified condition.
Figure 7. Derating curve of BU2152FS
85
P1 to P24
VDD
DATA,CLK,STB,CLB
VSS
DATA
CLK
STB
CLB
VDD
VDD
VSS
VSS
VDD
VSS
VDD
VSS
VSS
VDD
SO
VDD
VSS
VDD
VSS
VSS
Figure 6. Thermal resistance
θJA=(TJmax- TA)/ PD [°C/W]
[°C]
[°C]
Ambient temperature TA (°C)
Chip surface temperature TJ(°C)
Power dissipation PD (W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
Ambient Temperature [°C]


Número de pieza similar - BU2152FS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2152FS-E2 ROHM-BU2152FS-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2152FS-E2 ROHM-BU2152FS-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Descripción similar - BU2152FS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com