Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4846G-TR Datasheet(PDF) 11 Page - Rohm

No. de pieza BU4846G-TR
Descripción Electrónicos  Low Voltage Standard CMOS Voltage Detector ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4846G-TR Datasheet(HTML) 11 Page - Rohm

Back Button BU4846G-TR Datasheet HTML 7Page - Rohm BU4846G-TR Datasheet HTML 8Page - Rohm BU4846G-TR Datasheet HTML 9Page - Rohm BU4846G-TR Datasheet HTML 10Page - Rohm BU4846G-TR Datasheet HTML 11Page - Rohm BU4846G-TR Datasheet HTML 12Page - Rohm BU4846G-TR Datasheet HTML 13Page - Rohm BU4846G-TR Datasheet HTML 14Page - Rohm BU4846G-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/15
BU48xx series
BU49xx series
TSZ02201-0R7R0G300060-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
02.Nov.2015 Rev.012
www.rohm.com
TSZ22111・15・001
3) Examples of the power supply with resistor dividers
In applications where the power supply input terminal (VDD) of an IC is connected through resistor
dividers, it is possible that a through current will momentarily flow into the circuit when the output logic
switches, resulting in malfunctions (such as output oscillatory state).
(Through-current is a current that momentarily flows from the power supply (VDD) to ground (GND) when
the output leve
l switches from “High” to “Low” or vice versa.)
Fig.18
A voltage drop of [the through-current (I1)] × [input resistor (R2)] is caused by the through current, and
the input voltage to descends, when the output switches from “Low” to “High”. When the input voltage
decreases and falls below the detection voltage, the output voltage switches from “High” to “Low”. At this
time, the through-
current stops flowing through output “Low”, and the voltage drop is eliminated. As a
result, the output switches from “Low” to “High”, which again causes the through current to flow and the
voltage drop. This process is repeated, resulting in oscillation.
Consider the use of BD48xx when the power supply input it with resistor dividers.
Fig.19
Current Consumption vs. Power Supply Voltage
* This data is for reference only.
The figures will vary with the application, so please confirm actual operating conditions before use.
VOUT
R2
VDD
BU48xx
BU49xx
GND
R1
I1
V1
CIN
CL
IDD
VDD
VDET
0
Through
Current
0.001
0.01
0.1
1
10
3
4
5
6
7
8
9
10
VDD[V]
VDD - IDD Peak Current Ta=25°C
BU49xx,BU43xx
BU48xx,BU42xx
BD52xx
BD53xx
Temp - IDD(BU42xx)
0.0
0.5
1.0
1.5
2.0
2.5
-50 -30 -10
10
30
50
70
90
110 130
Temp
VDD3V
VDD6V
VDD7V
VDD4V


Número de pieza similar - BU4846G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4846G-TR ROHM-BU4846G-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4846G-TR ROHM-BU4846G-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4846G-TR ROHM-BU4846G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4846G-TR ROHM-BU4846G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Descripción similar - BU4846G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4830F-TR ROHM-BU4830F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4942G-TR ROHM-BU4942G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com