Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD5341G-2C Datasheet(PDF) 1 Page - Rohm |
|
BD5341G-2C Datasheet(HTML) 1 Page - Rohm |
1 / 24 page ○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays 1/20 TSZ02201-0R7R0G300200-1-2 © 2016 ROHM Co., Ltd. All rights reserved. 25.Apr.2016 Rev.001 www.rohm.com TSZ22111・14・001 Voltage Detector (Reset) IC Series for Automotive Application Free Time Delay Setting CMOS Voltage Detector (Reset) IC BD52xx-2C Series and BD53xx-2C Series General Description ROHM's BD52xx-2C and BD53xx-2C series are highly accurate, low current consumption Voltage Detector ICs with a capacitor controlled time delay. The lineup includes N-channel open drain output (BD52xx-2C) and CMOS output (BD53xx-2C) so that the users can select depending on the application. The devices are available for specific detection voltage ranging from 0.9V to 5.0V with 0.1V increment. The time delay has ±50% accuracy in the overall operating temperature range of -40°C to 125°C. Special Features AEC-Q100 Qualified (Note1) Delay Time Setting controlled by external capacitor Two output types (Nch open drain and CMOS output) Ultra-low Current Consumption Very small, lightweight and thin package Package SSOP5 is similar to SOT-23-5 (JEDEC) (Note1: Grade 1) Key Specifications Detection Voltage: 0.9V to 5.0V (Typ.) 0.1V step Ultra-Low Current Consumption: 0.27µA (Typ.) Time Delay Accuracy: ±50% (-40°C to +125°C, ) (CT pin capacitor ≥ 1nF) Special Characteristics Detection Voltage Accuracy: ±3%±12mV (VDET=0.9V to 1.6V) ±3% (VDET=1.7V to 5.0V) Package SSOP5: W(typ) x D(typ) x H(max) 2.90mm x 2.80mm x 1.25mm Application All automotive devices that requires voltage detection Application Circuit Pin Configuration SSOP5 TOP VIEW Pin Description SSOP5 PIN No. Symbol Function 1 VOUT Output pin 2 VDD Power supply voltage 3 GND GND 4 N.C. No connection pin 5 CT Capacitor connection pin for output delay time setting Figure 1. Open Drain Output Type BD52xx-2C Series Figure 2. CMOS Output Type BD53xx-2C Series VOUT VDD GND N.C. CT Lot No. Marking VDD1 VDD2 GND CCT RL BD52xx-2C RST Microcontroller N.C. pin is electrically open and can be connected to either VDD or GND. VDD1 GND CCT BD53xx-2C RST Microcontroller Datasheet |
Número de pieza similar - BD5341G-2C |
|
Descripción similar - BD5341G-2C |