Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4846F-TR Datasheet(PDF) 2 Page - Rohm

No. de pieza BU4846F-TR
Descripción Electrónicos  Low Voltage Standard CMOS Voltage Detector ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4846F-TR Datasheet(HTML) 2 Page - Rohm

  BU4846F-TR Datasheet HTML 1Page - Rohm BU4846F-TR Datasheet HTML 2Page - Rohm BU4846F-TR Datasheet HTML 3Page - Rohm BU4846F-TR Datasheet HTML 4Page - Rohm BU4846F-TR Datasheet HTML 5Page - Rohm BU4846F-TR Datasheet HTML 6Page - Rohm BU4846F-TR Datasheet HTML 7Page - Rohm BU4846F-TR Datasheet HTML 8Page - Rohm BU4846F-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/15
BU48xx series
BU49xx series
TSZ02201-0R7R0G300060-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
02.Nov.2015 Rev.012
www.rohm.com
TSZ22111・15・001
●Connection Diagram & Pin Descriptions
SSOP5
SOP4
TOP VIEW
TOP VIEW
VSOF5
TOP VIEW
●Ordering Information
B
U
x
x
x
x
x
-
T
R
Part
Output Type
Reset Voltage Value
Package
Packaging and
Number
48 : Open Drain
09 : 0.9V
G
: SSOP5
forming specification
49 : CMOS
0.1V step
F
: SOP4
TR : Embossed tape
48 : 4.8V
FVE : VSOF5
and reel
PIN
No.
Symbol
Function
PIN
No.
Symbol
Function
1
VOUT
Reset output
1
VOUT
Reset output
2
VDD
Power supply voltage
2
VDD
Power supply voltage
3
GND
GND
3
N.C.
Unconnected terminal
4
N.C.
Unconnected terminal
4
GND
GND
5
N.C.
Unconnected terminal
PIN
No.
Symbol
Function
1
VOUT
Reset output
2
SUB
Substrate*
3
N.C.
Unconnected terminal
4
VDD
Power supply voltage
5
GND
GND
*Connect the substrate to VDD
VDD
VOUT
SUB N.C
.
GND
4
3
2
1
5
Marking
Lot. No
VOUT
VDD
N.C.
GND
1
2
3
4
Marking
Lot. No
VOUT
VDD
GND
N.C.
N.C.
Lot. No
Marking


Número de pieza similar - BU4846F-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4846F-TR ROHM-BU4846F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4846F-TR ROHM-BU4846F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4846F-TR ROHM-BU4846F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4846F-TR ROHM-BU4846F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Descripción similar - BU4846F-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4830F-TR ROHM-BU4830F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4942G-TR ROHM-BU4942G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com