Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4947F-TR Datasheet(PDF) 5 Page - Rohm

No. de pieza BU4947F-TR
Descripción Electrónicos  Low Voltage Standard CMOS Voltage Detector ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4947F-TR Datasheet(HTML) 5 Page - Rohm

  BU4947F-TR Datasheet HTML 1Page - Rohm BU4947F-TR Datasheet HTML 2Page - Rohm BU4947F-TR Datasheet HTML 3Page - Rohm BU4947F-TR Datasheet HTML 4Page - Rohm BU4947F-TR Datasheet HTML 5Page - Rohm BU4947F-TR Datasheet HTML 6Page - Rohm BU4947F-TR Datasheet HTML 7Page - Rohm BU4947F-TR Datasheet HTML 8Page - Rohm BU4947F-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/15
BU48xx series
BU49xx series
TSZ02201-0R7R0G300060-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
02.Nov.2015 Rev.012
www.rohm.com
TSZ22111・15・001
Unless Otherwise Specified Ta=-25 to 125℃
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Circuit Current when ON
IDD1
VDD=VDET-0.2V
VDET=0.9-1.3V
-
0.15
0.88
µA
VDET=1.4-2.1V
-
0.20
1.05
VDET=2.2-2.7V
-
0.25
1.23
VDET=2.8-3.3V
-
0.30
1.40
VDET=3.4-4.2V
-
0.35
1.58
VDET=4.3-4.8V
-
0.40
1.75
Circuit Current when OFF
IDD2
VDD=VDET+2.0V
VDET=0.9-1.3V
-
0.30
1.40
µA
VDET=1.4-2.1V
-
0.35
1.58
VDET=2.2-2.7V
-
0.40
1.75
VDET=2.8-3.3V
-
0.45
1.93
VDET=3.4-4.2V
-
0.50
2.10
VDET=4.3-4.8V
-
0.55
2.28
Operating Voltage Range
VOPL
VOL
≤0.4V, Ta=25 to 125℃, RL=470kΩ
0.70
-
-
V
VOL
≤0.4V, Ta=-40 to 25℃, RL=470kΩ
0.90
-
-
‘Low’ Output Voltage (Nch)
VOL
VDD=0.85V, ISINK = 20 µA
-
-
0.05
V
VDD=1.5V, ISINK = 1 mA, VDET=1.7-4.8V
-
-
0.5
V
VDD=2.4V, ISINK = 4 mA, VDET=2.7-4.8V
-
-
0.5
‘High’ Output Voltage (Pch)
(only BU49xx)
VOH
VDD=4.8V,ISOURCE=1.7mA,
VDET=0.9V to 3.9V
VDD-0.5
-
-
V
VDD=6.0V,ISOURCE=2.0mA,
VDET=4.0V to 4.8V
VDD-0.5
-
-
Output Leak Current when
OFF
(only BU48xx)
Ileak
VDD=VDS=7V
Ta=-40℃ to 85℃
-
0
0.1
µA
VDD=VDS=7V
Ta=85℃ to 125℃
-
0
1
* This product is not designed for protection against radioactive rays.
VDET(T) : Standard Detection Voltage (0.9V to 4.8V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.
●Block Diagrams
Vref
VOUT
VDD
GND
Fig.1
BU48xx
Series
Vref
VOUT
VDD
GND
Fig.2
BU49xx
Series


Número de pieza similar - BU4947F-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4947F-TR ROHM-BU4947F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4947F-TR ROHM-BU4947F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4947F-TR ROHM-BU4947F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4947F-TR ROHM-BU4947F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Descripción similar - BU4947F-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4830F-TR ROHM-BU4830F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4942G-TR ROHM-BU4942G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com