Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3850H01DRCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3850H01DRCT
Descripción Electrónicos  Precision Voltage Supervisor with Programmable Window Watchdog Timer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3850H01DRCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3850H01DRCT Datasheet HTML 2Page - Texas Instruments TPS3850H01DRCT Datasheet HTML 3Page - Texas Instruments TPS3850H01DRCT Datasheet HTML 4Page - Texas Instruments TPS3850H01DRCT Datasheet HTML 5Page - Texas Instruments TPS3850H01DRCT Datasheet HTML 6Page - Texas Instruments TPS3850H01DRCT Datasheet HTML 7Page - Texas Instruments TPS3850H01DRCT Datasheet HTML 8Page - Texas Instruments TPS3850H01DRCT Datasheet HTML 9Page - Texas Instruments TPS3850H01DRCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
TPS3850
SBVS301A – OCTOBER 2016 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPS3850
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
During power-on, VDD must be a minimum 1.6 V for at least 300 µs before the output corresponds to the SENSE voltage.
(2)
0 refers to VSET ≤ VIL, 1 refers to VSET ≥ VIH.
(3)
If this watchdog ratio is used, then tWDL(max) can overlap tWDU(min).
6.6 Timing Requirements
MIN
TYP
MAX
UNIT
GENERAL
tINIT
CWD, CRST pin evaluation period
381
µs
tSET
Time required between changing SET0 and SET1 pins
500
µs
SET0, SET1 pin setup time
1
µs
Startup delay(1)
300
µs
RESET FUNCTION
tRST
Reset timeout period
CRST = NC
170
200
230
ms
CRST = 10 kΩ to VDD
8.5
10
11.5
ms
tRST-DEL
VSENSE to RESET delay
VDD = 5 V, VSENSE = VIT+(OV) + 2.5%
35
µs
VDD = 5 V, VSENSE = VIT-(UV) – 2.5%
17
WINDOW WATCHDOG FUNCTION
WD ratio
Window watchdog ratio of
lower boundary to upper
boundary
CWD = programmable, SET0 = 0, SET1 = 0(2)
1/8
CWD = programmable, SET0 = 1, SET1 = 1 (2)
1/2
CWD = programmable, SET0 = 0, SET1 = 1 (2)(3)
3/4
tWDL
Window watchdog lower
boundary
CWD = NC, SET0 = 0, SET1 = 0
19.1
22.5
25.9
ms
CWD = NC, SET0 = 0, SET1 = 1
1.5
1.85
2.2
ms
CWD = NC, SET0 = 1, SET1 = 0
Watchdog disabled
CWD = NC, SET0 = 1, SET1 = 1
680
800
920
ms
CWD = 10 kΩ to VDD, SET0 = 0, SET1 = 0
7.7
9.0
10.4
ms
CWD = 10 kΩ to VDD, SET0 = 0, SET1 = 1
7.7
9.0
10.4
ms
CWD = 10 kΩ to VDD, SET0 = 1, SET1 = 0
Watchdog disabled
CWD = 10 kΩ to VDD, SET0 = 1, SET1 = 1
1.5
1.85
2.2
ms
tWDU
Window watchdog upper
boundary
CWD = NC, SET0 = 0, SET1 = 0
46.8
55.0
63.3
ms
CWD = NC, SET0 = 0, SET1 = 1
22.0
27.5
33.0
ms
CWD = NC, SET0 = 1, SET1 = 0
Watchdog disabled
CWD = NC, SET0 = 1, SET1 = 1
1360
1600
1840
ms
CWD = 10 kΩ to VDD, SET0 = 0, SET1 = 0
92.7
109.0
125.4
ms
CWD = 10 kΩ to VDD, SET0 = 0, SET1 = 1
165.8
195.0
224.3
ms
CWD = 10 kΩ to VDD, SET0 = 1, SET1 = 0
Watchdog disabled
CWD = 10 kΩ to VDD, SET0 = 1, SET1 = 1
8.8
11.0
13.2
ms
tWD-setup
Setup time required for device to respond to changes on WDI after being enabled
150
µs
Minimum WDI pulse duration
50
ns
tWD-del
WDI to WDO delay
50
ns


Número de pieza similar - TPS3850H01DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3850H01QDRCRQ1 TI1-TPS3850H01QDRCRQ1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results

Descripción similar - TPS3850H01DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS36-Q1 TI-TPS36-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
NOVEMBER 2022
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS35 TI-TPS35 Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com