Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3012 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza SI3012
Descripción Electrónicos  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SI3012 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SI3012 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Si 30 35
6
Rev. 1.2
Table 5. AC Characteristics
(VA = Charge Pump, VD = +3.3 V ± 0.3 V, TA = 0 to 70°C for K-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate1
Fs
Fs = FPLL2/5120
7.2
11.025
kHz
PLL1 Output Clock Frequency
FPLL1
FPLL1 = FMCLK " M1/N1
36
58
MHz
Transmit Frequency Response
Low –3 dB corner
16
Hz
Receive Frequency Response
Low –3 dB corner
16
Hz
Transmit Full Scale Level2 (0 dB gain)
VTX
—0.98
VPEAK
Receive Full Scale Level 2,3 (0 dB gain)
VRX
—0.98
VPEAK
Dynamic Range4
DR
VIN = 1 kHz, –3 dBFS
80
86
dB
Dynamic Range5
DR
VIN = 1 kHz, –3 dBFS
84
dB
Total Harmonic Distortion6
THD
VIN = 1 kHz, –3 dBFS
–84
dB
Dynamic Range (call progress AOUT)
DRAO
VIN = 1 kHz
60
dB
THD (call progress AOUT)
THDAO
VIN = 1 kHz
1.0
%
AOUT Full Scale Level
0.75 VD
—VPP
AOUT Output Impedance
10
k
Mute Level (call progress AOUT)
–90
dB
Dynamic Range (caller ID mode)
DRCID
VIN = 1 kHz, –13 dBFS
60
dB
Caller ID Full Scale Level (0 dB gain)2
VCID
—0.8
VPEAK
Notes:
1. See Figure 23 on page 22.
2. Parameter measured at TIP and RING of Figure 16 on page 15.
3. Receive Full Scale Level will produce – 0.9 dBFS at SDO.
4. DR = 3 dB + 20 log (RMS signal/RMS noise). Applies to both the transmit and receive paths. Measurement bandwidth
is 300 to 3400 Hz. Sample Rate = 9.6 kHz, Loop Current = 40 mA.
5. DR = 3 dB + 20 log (RMS signal/RMS noise). Applies to both the transmit and receive paths. Measurement bandwidth
is 15 to 3400 Hz. Sample Rate = 9.6 kHz, Loop Current = 40 mA.
6. THD = 20 log (RMS distortion/RMS signal). Applies to both the transmit and receive paths.
Sample Rate = 9.6 kHz, Loop Current = 40 mA.


Número de pieza similar - SI3012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI3012-KS ETC1-SI3012-KS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
SI3012-KT ETC1-SI3012-KT Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

Descripción similar - SI3012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com