Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5115LI-10-G Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza CAT5115LI-10-G
Descripción Electrónicos  32?릘ap Digital Potentiometer (POT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5115LI-10-G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT5115LI-10-G Datasheet HTML 3Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 4Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 5Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 6Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 7Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 8Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 9Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 10Page - ON Semiconductor CAT5115LI-10-G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT5115
http://onsemi.com
7
Figure 10. Programmable Voltage Regulator
Figure 11. Programmable I to V Convertor
0.1 mF
1 mF
6.8 mF
11 kW
100 kW
1.23 V
2
8
1
7
4
5
3
6
+5 V
POR
2952
CAT5113/5114/5115
FB
SD
GND
VOUT
VO (REG)
R1
R2
820 W
R3
10 kW
VIN (UNREG)
SHUTDOWN
+2.5 V
+5 V
2
7
3
3
5
4
6
6
+
LT1097
+5 V
2
7
3
4
6
+
2
8
1
7
4
+5 V
CAT5113/5114
pR (1−p)R
330 W
330 W
1 MW
10 k
IS
A1
A2
VO
Control
and
Memory
+5 V
+5 V
+2.5 V
+5 V
IC3
CAT5114/5113
CLO
IC1
393
AI
IC4
2
3
1
2
8
1
7
4
+5 V
OSC
IC2
74HC132
0.1 mF
+
CHI
6
5
5
6
3
7
+5 V
R3
R2
R1
0.001 mF
0.001 mF
1 mF
2
7
3
4
6
+
2
8
1
7
4
+5 V
CAT5113/5114
+2.5 V
VO
2.5  VO  5 V
VUL
VLL
R1
R3
R2
10 kW
VS
0  VS  2.5 V
10 kW
C1
C2
VO
VS
10 kW
100 kW
A1
50 kW
Figure 12. Automatic Gain Control
Figure 13. Programmable Bandpass Filter
U/D
INC
CS
Figure 14. Programmable Current Source/Sink
CAT5111/5112
+5 V
+5 V
Serial
Bus
+2.5 V
+2.5 V
+5 V
2
7
7
5
6
3
11
1
+
R
+
100 kW
R1
100 kW
R1
100 kW
R1
100 kW
R1
2.5 kW
A2
IS
A1 = A2 = LMC6064A
VS


Número de pieza similar - CAT5115LI-10-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5115LI-10-G CATALYST-CAT5115LI-10-G Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results

Descripción similar - CAT5115LI-10-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com