Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5140ZI-50-GT3 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza CAT5140ZI-50-GT3
Descripción Electrónicos  Single Channel 256 Tap Digital Potentiometer (POT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5140ZI-50-GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT5140ZI-50-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5140ZI-50-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5140ZI-50-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5140ZI-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5140ZI-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5140ZI-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5140ZI-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5140ZI-50-GT3 Datasheet HTML 9Page - ON Semiconductor CAT5140ZI-50-GT3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT5140
http://onsemi.com
9
Single write to either a volatile or non-volatile register. Note that Bit 7 of ACR determines which memory type is being written.
Table 15. SINGLE WRITE
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(9)
Start
Slave
Address
0
R/W
0
ACK
Memory
Address
0
ACK
Write
Data
0
ACK
Stop
A single write to either a volatile or non-volatile register. At address 00h bit 7 of ACR determines which memory type is being written.
Table 16. MULTIPLE WRITES
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
Start
Slave
Address
0
R/W
0
ACK
Memory
Address
0
ACK
Write
Data
0
ACK
Write
Data
0
ACK
Stop
Multiple writes are possible only if the starting address is 08h and it should be stopped with the first nonvolatile data byte. If
a nonvolatile write does not end with a STOP procedure the register is not written.
(B) Read data procedure with designated address.
1. Host transfers the start condition
2. Host transfers the device slave address with the write mode R/W bit (0)
3. ACK signal recognition from the device
4. Host transfers the read address
5. ACK signal recognition from the device
6. Host transfers the re-start condition
7. Host transfers the slave address with the read mode R/W bit (1).
8. ACK signal recognition from the device
9. The device transfers the read data from the designated address
10. Host transfers ACK signal
11. The (9) & (10) routines above are repeated if needed, and the read address is auto-incremented
12. Host transfers ACK ‘H’ to the device
13. Host transfers the stop condition
Table 17. READ DATA
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
Start
Slave
Address
0
R/W
0
ACK
Memory
Address
0
ACK
Restart
Slave
Address
1
R/W
0
ACK
Read
Data
0
ACK
Read
Data
1
ACK
Stop
(C) Read data procedure without a designated address.
1. Host transfers the start condition
2. Host transfers the device slave address with the read mode R/W bit =1
3. ACK signal recognition from the device. (Host then changes to receiver)
4. The device transfers data from the previous access address +1
5. Host transfers ACK signal
6. The (4) & (5) routines above are repeated if needed
7. Host transfers ACK ‘H’
8. Host transfers the stop condition
Table 18. Read Data w/o Designated Address
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Start
Slave
Address
1
R/W
0
ACK
Read
Data
0
ACK
Read
Data
1
ACK
Stop


Número de pieza similar - CAT5140ZI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5140ZI-50-GT3 ONSEMI-CAT5140ZI-50-GT3 Datasheet
148Kb / 11P
   Single Channel 256 Tap DPP with Integrated EEPROM and I2C Control
May, 2009 ??Rev. 0
More results

Descripción similar - CAT5140ZI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX5402 MAXIM-MAX5402 Datasheet
208Kb / 9P
   256-Tap, 關PoT, Low-Drift, Digital Potentiometer
Rev 0; 1/01
logo
ON Semiconductor
CAT5113VI-00 ONSEMI-CAT5113VI-00 Datasheet
204Kb / 13P
   100-tap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172_13 Datasheet
222Kb / 10P
   256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
logo
Winbond
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171_13 Datasheet
209Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
logo
Copal Electronics
DP7140 COPAL-DP7140 Datasheet
144Kb / 11P
   Single Channel 256 Tap
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
MAX5395 MAXIM-MAX5395 Datasheet
2Mb / 17P
   Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Rev 0; 7/12
MAX5400 MAXIM-MAX5400 Datasheet
250Kb / 8P
   256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com