Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5411YI00 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CAT5411YI00
Descripción Electrónicos  Dual Digital Potentiometer (POT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5411YI00 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5411YI00 Datasheet HTML 1Page - ON Semiconductor CAT5411YI00 Datasheet HTML 2Page - ON Semiconductor CAT5411YI00 Datasheet HTML 3Page - ON Semiconductor CAT5411YI00 Datasheet HTML 4Page - ON Semiconductor CAT5411YI00 Datasheet HTML 5Page - ON Semiconductor CAT5411YI00 Datasheet HTML 6Page - ON Semiconductor CAT5411YI00 Datasheet HTML 7Page - ON Semiconductor CAT5411YI00 Datasheet HTML 8Page - ON Semiconductor CAT5411YI00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT5411
http://onsemi.com
3
PIN DESCRIPTIONS
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses and data to be written to the
CAT5411. Input data is latched on the rising edge of the
serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is used to transfer
data out of the CAT5411. During a read cycle, data is shifted
out on the falling edge of the serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchronize
the communication between the microcontroller and the
CAT5411. Opcodes, byte addresses or data present on the SI
pin are latched on the rising edge of the SCK. Data on the SO
pin is updated on the falling edge of the SCK.
A0, A1: Device Address Inputs
These inputs set the device address when addressing
multiple devices. A total of four devices can be addressed on
a single bus. A match in the slave address must be made with
the address input in order to initiate communication with the
CAT5411.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper terminal of
a mechanical potentiometer.
CS: Chip Select
CAT5251 and CS high disables the CAT5411. CS high
takes the SO output pin to high impedance and forces the
devices into a Standby mode (unless an internal write
operation is underway). The CAT5411 draws ZERO current
in the Standby mode. A high to low transition on CS is
required prior to any sequence being initiated. A low to high
transition on CS after a valid write sequence is what initiates
an internal write cycle.
WP: Write Protect
WP is the Write Protect pin. The Write Protect pin will
allow normal read/write operations when held high. When
WP is tied low, all non-volatile write operations to the Data
registers are inhibited (change of wiper control register is
allowed). WP going low while CS is still low will interrupt
a write to the registers. If the internal write cycle has already
been initiated, WP going low will have no effect on any write
operation.
HOLD: Hold
The HOLD pin is used to pause transmission to the
CAT5411 while in the middle of a serial sequence without
having to re-transmit entire sequence at a later time. To
pause, HOLD must be brought low while SCK is low. The
SO pin is in a high impedance state during the time the part
is paused, and transitions on the SI pins will be ignored. To
resume communication, HOLD is brought high, while SCK
is low. (HOLD should be held high any time this function is
not being used.) HOLD may be tied high directly to VCC or
tied to VCC through a resistor.
Table 1. PIN CONNECTIONS
Pin
SOIC
Pin
TSSOP
Name
Function
1
19
VCC
Supply Voltage
2
20
RL0
Low Reference Terminal
for Potentiometer 0
3
21
RH0
High Reference Terminal
for Potentiometer 0
4
22
RW0
Wiper Terminal for
Potentiometer 0
5
23
CS
Chip Select
6
24
WP
Write Protection
7
1
SI
Serial Input
8
2
A1
Device Address
9
3
RL1
Low Reference Terminal
for Potentiometer 1
10
4
RH1
High Reference Terminal
for Potentiometer 1
11
5
RW1
Wiper Terminal for
Potentiometer 1
12
6
GND
Ground
13
7
NC
No Connect
14
8
NC
No Connect
15
9
NC
No Connect
16
10
NC
No Connect
17
11
SCK
Bus Serial Clock
18
12
HOLD
Hold
19
13
SO
Serial Data Output
20
14
A0
Device Address, LSB
21
15
NC
No Connect
22
16
NC
No Connect
23
17
NC
No Connect
24
18
NC
No Connect


Número de pieza similar - CAT5411YI00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5411YI00 ONSEMI-CAT5411YI00 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
More results

Descripción similar - CAT5411YI00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com