Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVCBH164245 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AVCBH164245
Descripción Electrónicos  16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCBH164245 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AVCBH164245 Datasheet HTML 1Page - Texas Instruments SN74AVCBH164245 Datasheet HTML 2Page - Texas Instruments SN74AVCBH164245 Datasheet HTML 3Page - Texas Instruments SN74AVCBH164245 Datasheet HTML 4Page - Texas Instruments SN74AVCBH164245 Datasheet HTML 5Page - Texas Instruments SN74AVCBH164245 Datasheet HTML 6Page - Texas Instruments SN74AVCBH164245 Datasheet HTML 7Page - Texas Instruments SN74AVCBH164245 Datasheet HTML 8Page - Texas Instruments SN74AVCBH164245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74AVCBH164245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES393A − JUNE 2002 − REVISED MAY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Note 7)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP†
MAX
UNIT
IOH = −100 µA
VI = VIH
1.4 V to 3.6 V
1.4 V to 3.6 V
VCCO−0.2 V
IOH = −2 mA
VI = VIH
1.4 V
1.4 V
1.05
VOH
IOH = −4 mA
VI = VIH
1.65 V
1.65 V
1.2
V
VOH
IOH = −8 mA
VI = VIH
2.3 V
2.3 V
1.75
V
IOH = −12 mA
VI = VIH
3 V
3 V
2.3
IOH = 100 µA
VI = VIL
1.4 V to 3.6 V
1.4 V to 3.6 V
0.2
IOH = 2 mA
VI = VIL
1.4 V
1.4 V
0.35
VOL
IOH = 4 mA
VI = VIL
1.65 V
1.65 V
0.45
V
VOL
IOH = 8 mA
VI = VIL
2.3 V
2.3 V
0.55
V
IOH = 12 mA
VI = VIL
3 V
3 V
0.7
II
Control inputs
VI = VCCB or GND
1.4 V to 3.6 V
3.6 V
±2.5
µA
VI = 0.49 V
1.4 V
1.4 V
11
IBHL‡
VI = 0.57 V
1.65 V
1.65 V
25
A
IBHL‡
VI = 0.7 V
2.3 V
2.3 V
45
µA
VI = 0.8 V
3 V
3 V
75
VI = 0.91 V
1.4 V
1.4 V
−11
IBHH§
VI = 1.07 V
1.65 V
1.65 V
−25
A
IBHH§
VI = 1.7 V
2.3 V
2.3 V
−45
µA
VI = 2 V
3 V
3 V
−75
1.6 V
1.6 V
100
IBHLO¶
VI = 0 to VCC
1.95 V
1.95 V
200
A
IBHLO¶
VI = 0 to VCC
2.7 V
2.7 V
300
µA
3.6 V
3.6 V
525
1.6 V
1.6 V
−100
IBHHO#
VI = 0 to VCC
1.95 V
1.95 V
−200
A
IBHHO#
VI = 0 to VCC
2.7 V
2.7 V
−300
µA
3.6 V
3.6 V
−525
Ioff
A port
VI or VO = 0 to 3.6 V
0 V
0 to 3.6 V
±10
A
Ioff
B port
VI or VO = 0 to 3.6 V
0 to 3.6 V
0 V
±10
µA
† All typical values are at TA = 25°C.
‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and
then raising it to VIL max.
§ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and
then lowering it to VIH min.
¶ An external driver must source at least IBHLO to switch this node from low to high.
# An external driver must sink at least IBHHO to switch this node from high to low.
NOTE 7: VCCO is the VCC associated with the output port.


Número de pieza similar - SN74AVCBH164245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCBH164245 TI1-SN74AVCBH164245 Datasheet
891Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH164245 TI1-SN74AVCBH164245 Datasheet
892Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH164245GR TI1-SN74AVCBH164245GR Datasheet
891Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH164245GR TI1-SN74AVCBH164245GR Datasheet
892Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH164245KR TI1-SN74AVCBH164245KR Datasheet
891Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Descripción similar - SN74AVCBH164245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com