Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5123TBI-50-T3 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT5123TBI-50-T3
Descripción Electrónicos  32?릘ap Digital Potentiometers (POTs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5123TBI-50-T3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5123TBI-50-T3 Datasheet HTML 2Page - ON Semiconductor CAT5123TBI-50-T3 Datasheet HTML 3Page - ON Semiconductor CAT5123TBI-50-T3 Datasheet HTML 4Page - ON Semiconductor CAT5123TBI-50-T3 Datasheet HTML 5Page - ON Semiconductor CAT5123TBI-50-T3 Datasheet HTML 6Page - ON Semiconductor CAT5123TBI-50-T3 Datasheet HTML 7Page - ON Semiconductor CAT5123TBI-50-T3 Datasheet HTML 8Page - ON Semiconductor CAT5123TBI-50-T3 Datasheet HTML 9Page - ON Semiconductor CAT5123TBI-50-T3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
http://onsemi.com
6
APPLICATIONS INFORMATION
The devices are intended for circuits requiring digitally
controlled adjustable resistance, such as LCD contrast
control, where voltage biasing adjusts the display contrast.
Alternative Positive LCD Bias Control
An op amp can be used to provide buffering and gain on
the output of the CAT5110/CAT5125. This can be done by
connecting the wiper output to the positive input of a
noninverting op amp as shown in Figure 9. Figure 10 shows
a similar circuit for the CAT5119/CAT5124.
Adjustable Gain
Figures 11 and 12 show how to use either a variable
resistor or a potentiometer to digitally adjust the gain of a
noninverting op amp configuration, by connecting the
devices in series with a resistor to ground. The devices have
a low 5 ppm/C ratiometric tempco that allows for a very
stable adjustable gain configuration over temperature.
30 V
W
L
H
+5 V
CAT5110/CAT5125
30 V
L
H
+5 V
CAT5119/CAT5124
L
H
L
H
W
CAT5110/CAT5125
CAT5118/CAT5123
Figure 9. Positive LCD Bias Control
Figure 10. Positive LCD Bias Control
Figure 11. Adjustable Gain Circuit
Figure 12. Adjustable Gain Circuit
VOUT
VOUT
VIN
VCC
VOUT
VIN
VCC
VOUT


Número de pieza similar - CAT5123TBI-50-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5123TBI-50-T3 CATALYST-CAT5123TBI-50-T3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123TBI-50-T3 CATALYST-CAT5123TBI-50-T3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123TBI-50-T3 CATALYST-CAT5123TBI-50-T3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5123TBI-50-T3 ONSEMI-CAT5123TBI-50-T3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5123TBI-50-T3 ONSEMI-CAT5123TBI-50-T3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
More results

Descripción similar - CAT5123TBI-50-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5110 ONSEMI-CAT5110_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5127 ONSEMI-CAT5127_13 Datasheet
173Kb / 10P
   32?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 7
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com