Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5125TBI-50GT3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT5125TBI-50GT3
Descripción Electrónicos  32?릘ap Digital Potentiometers (POTs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5125TBI-50GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5125TBI-50GT3 Datasheet HTML 1Page - ON Semiconductor CAT5125TBI-50GT3 Datasheet HTML 2Page - ON Semiconductor CAT5125TBI-50GT3 Datasheet HTML 3Page - ON Semiconductor CAT5125TBI-50GT3 Datasheet HTML 4Page - ON Semiconductor CAT5125TBI-50GT3 Datasheet HTML 5Page - ON Semiconductor CAT5125TBI-50GT3 Datasheet HTML 6Page - ON Semiconductor CAT5125TBI-50GT3 Datasheet HTML 7Page - ON Semiconductor CAT5125TBI-50GT3 Datasheet HTML 8Page - ON Semiconductor CAT5125TBI-50GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
http://onsemi.com
4
TYPICAL OPERATING CHARACTERISTICS
(TA = 25C, unless otherwise noted.)
Figure 2. Wiper Resistance vs. Wiper Position
Figure 3. Change in End-to-End Resistance vs.
Temperature
WIPER POSITION
TEMPERATURE (C)
30
25
20
15
10
5
0
0
20
40
60
100
120
140
160
100
50
0
−50
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
Figure 4. W-to-L Resistance vs. Tap Position
Figure 5. Supply Current vs. Temperature
TAP POSITION
TEMPERATURE (C)
29
25
21
17
13
9
5
1
0
20
40
60
80
100
120
150
100
50
0
−50
0
0.05
0.15
0.20
0.25
0.30
0.40
0.45
Figure 6. Tap-to-Tap Switching Transient
80
CAT5110/5118/5119
CAT5123/5124/5125
VDD = 2.7 V
CAT5110/5118/5119
CAT5123/5124/5125
31
27
23
19
15
11
7
3
100 k
50 k
10 k
0.10
0.35
VDD = 2.7 V
VDD = 5.5 V
200 ns/div
U/D
2 V/div
WIPER
OUTPUT
100 mV/div


Número de pieza similar - CAT5125TBI-50GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5125TBI-50GT3 CATALYST-CAT5125TBI-50GT3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5125TBI-50GT3 ONSEMI-CAT5125TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125TBI-50GT3 ONSEMI-CAT5125TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125TBI-50GT3 ONSEMI-CAT5125TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125TBI-50GT3 ONSEMI-CAT5125TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
More results

Descripción similar - CAT5125TBI-50GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110 ONSEMI-CAT5110_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5127 ONSEMI-CAT5127_13 Datasheet
173Kb / 10P
   32?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 7
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com