Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TP0620N3-GP002 Datasheet(PDF) 3 Page - Supertex, Inc

No. de Pieza. TP0620N3-GP002
Descripción  P-Channel Enhancement-Mode Vertical DMOS FET
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SUTEX [Supertex, Inc]
Página de inicio  http://www.supertex.com
Logo 

TP0620N3-GP002 Datasheet(HTML) 3 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-TP0620
C081313
TP0620
Typical Performance Curves
BV
DSS Variation with Temperature
1.15
1.10
1.05
1.00
0.95
0.90
-50
0
50
100
150
T
j (
O
C)
On-Resistance vs. Drain Current
20
16
12
8
4
0
I
D (amperes)
0
-0.2
-0.4
-0.6
-0.8
-1.0
V
GS = -5.0V
V
GS = -10V
Transfer Characteristics
-2.0
-1.0
0
0
-2
-4
-6
-8
-10
V
GS (volts)
V
DS = -25V
T
A = -55
O
C
T
A = 25
O
C
T
A = 125
O
C
1.2
1.1
1.0
0.9
0.8
0.7
V
(th) and RDS Variation with Temperature
1.66
1.33
1.00
0.66
0.33
0
R
DS(ON) @ -10V, -0.2A
V
(th) @ -1.0mA
-50
0
50
100
150
T
j (
O
C)
Capacitance vs. Drain-to-Source Voltage
V
DS (volts)
0
-10
-20
-30
-40
200
150
100
50
0
f = 1MHz
C
ISS
C
OSS
C
RSS
V
DS = -10V
V
DS = -40V
170pf
45pf
Gate Drive Dynamic Characteristics
0
0.5
1.0
1.5
2.0
2.5
Q
G (nanocoulombs)
-10
-8
-6
-4
-2
0


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn