Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDT802-SB Datasheet(PDF) 19 Page - Seoul Semiconductor

No. de pieza SDT802-SB
Descripción Electrónicos  Applicable for automotive Exterior light
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDT802-SB Datasheet(HTML) 19 Page - Seoul Semiconductor

Back Button SDT802-SB Datasheet HTML 15Page - Seoul Semiconductor SDT802-SB Datasheet HTML 16Page - Seoul Semiconductor SDT802-SB Datasheet HTML 17Page - Seoul Semiconductor SDT802-SB Datasheet HTML 18Page - Seoul Semiconductor SDT802-SB Datasheet HTML 19Page - Seoul Semiconductor SDT802-SB Datasheet HTML 20Page - Seoul Semiconductor SDT802-SB Datasheet HTML 21Page - Seoul Semiconductor SDT802-SB Datasheet HTML 22Page - Seoul Semiconductor SDT802-SB Datasheet HTML 23Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SDT802-SB
– 802 Series Deep Red
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
19
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.2, Jul 22, 2016
Product Nomenclature
 제품 명명법 (nomenclature)
Lot Number Code
Description
Lot Number
Value
Y
1Y2
Year
Y
3
Month
Y
4Y5
Day
Y
6
Top View LED series
Y
7Y8Y9Y10
Mass order
Y
11Y12Y13Y14Y15Y16Y17
Internal Number
Table 5. Lot Numbering System :Y
1Y2Y3Y4Y5Y6Y7Y8Y9Y10–Y11Y12Y13Y14Y15Y16Y17
Table 4. Part Numbering System : X
1X2X3X4X5X6 - X7X8
Part Number Code
Description
Part Number
Value
X
1
Company
S
SSC
X
2
Color
D
Deep Red
X
3
Package Type
T
Top View
X
4X5X6
Package Series
802
802 Series
X
7X8
Product Revision
SB
-


Número de pieza similar - SDT802-SB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDT8020-TC-QN ETC1-SDT8020-TC-QN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8020-TD-QN ETC1-SDT8020-TD-QN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8020-TM-NN ETC1-SDT8020-TM-NN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8020-TU-NN ETC1-SDT8020-TU-NN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8028 ETC1-SDT8028 Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
More results

Descripción similar - SDT802-SB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SAT802-SB SEOUL-SAT802-SB Datasheet
890Kb / 24P
   Applicable for automotive Exterior light
SZ5-L1-W0-00 SEOUL-SZ5-L1-W0-00 Datasheet
804Kb / 24P
   Applicable for automotive exterior light
SZ5-P0-WN-00 SEOUL-SZ5-P0-WN-00 Datasheet
1,023Kb / 24P
   Applicable for automotive exterior light
SNW0ND08S SEOUL-SNW0ND08S Datasheet
886Kb / 19P
   Applicable for automotive Exterior light
STW0C1MX SEOUL-STW0C1MX Datasheet
973Kb / 24P
   Applicable for automotive exterior light
STR0G16C SEOUL-STR0G16C Datasheet
873Kb / 23P
   Applicable for automotive exterior light
SYT802-SB SEOUL-SYT802-SB Datasheet
908Kb / 24P
   Applicable for automotive Exterior light
SZ5-P0-W0-00 SEOUL-SZ5-P0-W0-00 Datasheet
1Mb / 24P
   Applicable for automotive exterior light
STR0G16AB SEOUL-STR0G16AB Datasheet
853Kb / 24P
   Applicable for automotive exterior light
STY0G16A SEOUL-STY0G16A Datasheet
838Kb / 25P
   Applicable for automotive exterior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com