Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2505FV-E2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BU2505FV-E2
Descripción Electrónicos  10bit 8ch/10ch D/A Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2505FV-E2 Datasheet(HTML) 1 Page - Rohm

  BU2505FV-E2 Datasheet HTML 1Page - Rohm BU2505FV-E2 Datasheet HTML 2Page - Rohm BU2505FV-E2 Datasheet HTML 3Page - Rohm BU2505FV-E2 Datasheet HTML 4Page - Rohm BU2505FV-E2 Datasheet HTML 5Page - Rohm BU2505FV-E2 Datasheet HTML 6Page - Rohm BU2505FV-E2 Datasheet HTML 7Page - Rohm BU2505FV-E2 Datasheet HTML 8Page - Rohm BU2505FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/18
TSZ02201-0RLR0GZ10140-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.com
p
TSZ22111・14・001
D/A Converter Series for Electronic Adjustment
10bit 8ch/10ch D/A Converters
BU2505FV BU2506FV
General Description
The BU2505FV and BU2506FV ICs are 10bit R-2R type
D/A converters with 10ch and 8ch outputs, respectively.
Cascade connection is available, ensuring suitability for
multi-channel applications. Each channel incorporates a
full swing output type buffer amplifier with high speed
output response characteristics, resulting in a greatly
shortened D/A output settling time. The ICs also have
digital input pins compatible with TTL levels, and the
maximum value of the data transfer frequency is 10MHz.
With the variable output range function, the upper and
lower limits of the output voltage can be set separately
from the power supply voltage.
Features
Built-in Multi-channel R-2R Type 10bit D/A Converter
(BU2506FV: 8 Channels, BU2505FV: 10 Channels)
Built-in Full Swing Output Buffer Amplifier for All
Channels
RESET Terminal to fix the Output Voltage to the Lower
Reference Level for All Channels
Digital Inputs Compatible with TTL Levels
3-wire Serial Interface and RESET Signal to send a
14bit Format Word (4bit Address and 10bit Data)
REVERSE Terminal to select LSB First or MSB First of
10bit Data
Cascade Connection is Available
Applications
Control of the Various Types of Consumer and
Industrial Equipment
Key Specifications
Operating Supply Voltage Range:
4.5V to 5.5V
Number of Channels:
BU2505FV:
10ch
BU2506FV:
8ch
Differential Non Linearity Error:
±1.0LSB(Max)
Integral Non Linearity Error:
±3.5LSB(Max)
Data Transfer Frequency:
10MHz(Max)
Packages
W(Typ) x D(Typ) x H(Max)
SSOP-B20
6.50mm x 6.40mm x 1.45mm
Typical Application Circuit
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
SSOP-B20
AO1
AO2
AO3
VrefH
VrefL
VCC
GND
AO10
DI
CLK
LD
Controller
CH1
CH2
CH3
CH10
Reverse
Reset
VCC
GND
Controller
AO1
AO2
AO3
AO10
CH1
CH2
CH3
CH10
VDD
(VrefH)
VSS
(VrefL)
REVERSE
RESET
LD
CLK
DI
Datasheet


Número de pieza similar - BU2505FV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
More results

Descripción similar - BU2505FV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com