Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4051BCFVF-E2 Datasheet(PDF) 11 Page - Rohm

No. de pieza BU4051BCFVF-E2
Descripción Electrónicos  8ch Analog Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4051BCFVF-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BU4051BCFVF-E2 Datasheet HTML 7Page - Rohm BU4051BCFVF-E2 Datasheet HTML 8Page - Rohm BU4051BCFVF-E2 Datasheet HTML 9Page - Rohm BU4051BCFVF-E2 Datasheet HTML 10Page - Rohm BU4051BCFVF-E2 Datasheet HTML 11Page - Rohm BU4051BCFVF-E2 Datasheet HTML 12Page - Rohm BU4051BCFVF-E2 Datasheet HTML 13Page - Rohm BU4051BCFVF-E2 Datasheet HTML 14Page - Rohm BU4051BCFVF-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/17
TSZ02201-0RDR0GZ00280-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4051BC BU4051BCF BU4051BCFV
Operational Notes
1.
Reverse Connection of Power Supply
Connecting the power supply in reverse polarity can damage the IC. Take precautions against reverse polarity when
connecting the power supply, such as mounting an external diode between the power supply and the IC’s power
supply pins.
2.
Power Supply Lines
Design the PCB layout pattern to provide low impedance supply lines. Separate the ground and supply lines of the
digital and analog blocks to prevent noise in the ground and supply lines of the digital block from affecting the analog
block. Furthermore, connect a capacitor to ground at all power supply pins. Consider the effect of temperature and
aging on the capacitance value when using electrolytic capacitors.
3.
VDD Voltage
Ensure that no pins are at a voltage above that of the VDD pin at any time, even during transient condition.
4.
Ground Wiring Pattern
When using both small-signal and large-current ground traces, the two ground traces should be routed separately but
connected to a single ground at the reference point of the application board to avoid fluctuations in the small-signal
ground caused by large currents. Also ensure that the ground traces of external components do not cause variations
on the ground voltage. The ground lines must be as short and thick as possible to reduce line impedance.
5.
Thermal Consideration
Should by any chance the power dissipation rating be exceeded the rise in temperature of the chip may result in
deterioration of the properties of the chip. The absolute maximum rating of the Pd stated in this specification is when
the IC is mounted on a 70mm x 70mm x 1.6mm glass epoxy board. In case of exceeding this absolute maximum
rating, increase the board size and copper area to prevent exceeding the Pd rating.
6.
Recommended Operating Conditions
These conditions represent a range within which the expected characteristics of the IC can be approximately
obtained. The electrical characteristics are guaranteed under the conditions of each parameter.
7.
Inrush Current
When power is first supplied to the IC, it is possible that the internal logic may be unstable and inrush
current may flow instantaneously due to the internal powering sequence and delays, especially if the IC
has more than one power supply. Therefore, give special consideration to power coupling capacitance,
power wiring, width of ground wiring, and routing of connections.
8.
Operation Under Strong Electromagnetic Field
Operating the IC in the presence of a strong electromagnetic field may cause the IC to malfunction.
9.
Testing on Application Boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance output pin may
subject the IC to stress. Always discharge capacitors completely after each process or step. The IC’s power supply
should always be turned off completely before connecting or removing it from the test setup during the inspection
process. To prevent damage from static discharge, ground the IC during assembly and use similar precautions during
transport and storage.
10. Inter-pin Short and Mounting Errors
Ensure that the direction and position are correct when mounting the IC on the PCB. Incorrect mounting may result in
damaging the IC. Avoid nearby pins being shorted to each other especially to ground, power supply and output pin.
Inter-pin shorts could be due to many reasons such as metal particles, water droplets (in very humid environment)
and unintentional solder bridge deposited in between pins during assembly to name a few.


Número de pieza similar - BU4051BCFVF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4051BCFV ROHM-BU4051BCFV Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
BU4051BCFV ROHM-BU4051BCFV Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCFV ROHM-BU4051BCFV Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCFV-E2 ROHM-BU4051BCFV-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCFV-E2 ROHM-BU4051BCFV-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Descripción similar - BU4051BCFVF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com