Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4066BCFVF-E2 Datasheet(PDF) 5 Page - Rohm

No. de pieza BU4066BCFVF-E2
Descripción Electrónicos  Quad-Analog Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4066BCFVF-E2 Datasheet(HTML) 5 Page - Rohm

  BU4066BCFVF-E2 Datasheet HTML 1Page - Rohm BU4066BCFVF-E2 Datasheet HTML 2Page - Rohm BU4066BCFVF-E2 Datasheet HTML 3Page - Rohm BU4066BCFVF-E2 Datasheet HTML 4Page - Rohm BU4066BCFVF-E2 Datasheet HTML 5Page - Rohm BU4066BCFVF-E2 Datasheet HTML 6Page - Rohm BU4066BCFVF-E2 Datasheet HTML 7Page - Rohm BU4066BCFVF-E2 Datasheet HTML 8Page - Rohm BU4066BCFVF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/16
TSZ02201-0RDR0GZ00270-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
12.Nov.2014 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4066BC BU4066BCF BU4066BCFV
Waveforms of Switching Characteristics
Figure 1. Propagation Delay Time IN→OUT(tPHZ,tPLZ)
Input/Output Waveform
Figure 3. Propagation Delay Time CONT→OUT (tPZH,tPHZ)
Input/Output Waveform
Figure 5. Propagation Delay Time CONT→OUT (tPZL,tPLZ)
Input/Output Waveform
Figure 2. Propagation Delay Time IN→OUT(tPHZ,tPLZ)
Test Circuit
Figure 4. Propagation Delay Time CONT→OUT (tPZH,tPHZ)
Test Circuit
Figure 6. Propagation Delay Time CONT→OUT (tPZL,tPLZ)
Test Circuit
IN/OUT
(INPUT)
OUT/IN
(OUTPUT)
VDD
VEE
tPLH
tPHL
50%
50%
VDD
CONT
RL
IN/OUT
OUT/IN
P.G
50%
50%
VEE
CL
VEE
CONT
(INPUT)
OUT/IN
(OUTPUT)
VEE
VDD
50%
tPZH
50%
tPHZ
90%
OUT/IN
RL
VDD
P.G
CONT
IN/OUT
CL
50%
VEE
VEE
tPLZ
CONT
(INPUT)
OUT/IN
(OUTPUT)
VEE
VDD
50%
tPZL
50%
10%
OUT/IN
VDD
VDD
VEE
RL
P.G
CONT
IN/OUT
CL
50%
OUT/IN
RL
CONT
IN/OUT
VDD
VEE
VIN= VDD/2
VEE
VOUT
RON = RL(VIN/VOUT -1)
Figure 7. ON Resistance (RON) Test Circuit


Número de pieza similar - BU4066BCFVF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4066BCFV ROHM-BU4066BCFV Datasheet
91Kb / 5P
   Quad analog switch
BU4066BCFV ROHM-BU4066BCFV Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCFV ROHM-BU4066BCFV Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCFV-E2 ROHM-BU4066BCFV-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCFV-E2 ROHM-BU4066BCFV-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Descripción similar - BU4066BCFVF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
   Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
91Kb / 5P
   Quad analog switch
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
   Quad Analog Switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
   Quad Analog Switch
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
   Quad Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com