Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU52274NUZ-ZE2 Datasheet(PDF) 4 Page - Rohm

No. de pieza BU52274NUZ-ZE2
Descripción Electrónicos  Omnipolar Detection Hall IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU52274NUZ-ZE2 Datasheet(HTML) 4 Page - Rohm

  BU52274NUZ-ZE2 Datasheet HTML 1Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 2Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 3Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 4Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 5Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 6Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 7Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 8Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/16
TSZ02201-0M2M0F415150-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
24.May.2016 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU52274NUZ
Recommended Operating Conditions (Ta= -40°C to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VDD
1.65
1.80
3.60
V
Magnetic, Electrical Characteristics (Unless otherwise specified VDD=1.8V Ta=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Operate Point
BopS
-
6.3
7.4
mT
Output: OUT1
(Detect the south pole)
BopN
-7.4
-6.3
-
Output: OUT2
(Detect the north pole)
Release Point
BrpS
4.3
5.4
-
mT
Output: OUT1
(Detect the south pole)
BrpN
-
-5.4
-4.3
Output: OUT2
(Detect the north pole)
Hysteresis
BhysS
-
0.9
-
mT
BhysN
-
0.9
-
Period
Tp
-
50
100
ms
Output High Voltage
VOH
VDD
-0.2
-
-
V
IOUT=-0.5mA
Output Low Voltage
VOL
-
-
0.2
V
IOUT=+0.5mA
Supply Current
IDD
-
4.4
8
µA
Average
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output.


Número de pieza similar - BU52274NUZ-ZE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ-ZE2 ROHM-BU52272NUZ-ZE2 Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ-ZE2 ROHM-BU52273NUZ-ZE2 Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results

Descripción similar - BU52274NUZ-ZE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52077GWZ ROHM-BU52077GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52494NUZ ROHM-BU52494NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52092GWZ ROHM-BU52092GWZ Datasheet
1Mb / 17P
   Omnipolar Detection Hall IC
BU52058GWZ ROHM-BU52058GWZ Datasheet
840Kb / 18P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com