Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDW81F1C Datasheet(PDF) 11 Page - Seoul Semiconductor

No. de pieza SDW81F1C
Descripción Electrónicos  MacAdam 3-step binning
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW81F1C Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SDW81F1C Datasheet HTML 7Page - Seoul Semiconductor SDW81F1C Datasheet HTML 8Page - Seoul Semiconductor SDW81F1C Datasheet HTML 9Page - Seoul Semiconductor SDW81F1C Datasheet HTML 10Page - Seoul Semiconductor SDW81F1C Datasheet HTML 11Page - Seoul Semiconductor SDW81F1C Datasheet HTML 12Page - Seoul Semiconductor SDW81F1C Datasheet HTML 13Page - Seoul Semiconductor SDW81F1C Datasheet HTML 14Page - Seoul Semiconductor SDW81F1C Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
Rev7.1, Nov 10, 2016
www.seoulsemicon.com
Product Data Sheet
SDWx1F1C
– Chip on Board
Characteristics Graph
20
40
60
80
100
120
140
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
Jinction Temperature(
oC)
CIE X(5000K)
CIE Y(5000K)
20
40
60
80
100
120
140
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
CIE X(3000K)
CIE Y(3000K)
Junction Temperature(
oC)
Fig 10. Junction Temperature vs. CIE x, y Shift, I
F=180mA (CRI90)
Fig 9. Junction Temperature vs. CIE x, y Shift, I
F=180mA (CRI70)


Número de pieza similar - SDW81F1C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SDW81F1B SEOUL-SDW81F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
   Enable High Flux and Cost Efficient System
More results

Descripción similar - SDW81F1C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
KRDMLS31.23 OSRAM-KRDMLS31.23_16 Datasheet
708Kb / 22P
   Dual Binning
logo
Lumileds Lighting Compa...
LX18-P127-Y LUMILEDS-LX18-P127-Y Datasheet
1Mb / 17P
   Freedom From Binning
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
   Freedom From Binning
logo
List of Unclassifed Man...
LXH8-PW40 ETC1-LXH8-PW40 Datasheet
2Mb / 26P
   Freedom From Binning
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
OmniVision Technologies...
OV7261 OMNIVISION-OV7261 Datasheet
656Kb / 2P
   supports 2x2 monochrome binning
OV7251 OMNIVISION-OV7251 Datasheet
703Kb / 2P
   supports 2x2 monochrome binning
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com