Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJD-2D16W4PD Datasheet(PDF) 11 Page - Seoul Semiconductor

No. de pieza SMJD-2D16W4PD
Descripción Electrónicos  Connects directly to AC line voltage
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-2D16W4PD Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SMJD-2D16W4PD Datasheet HTML 7Page - Seoul Semiconductor SMJD-2D16W4PD Datasheet HTML 8Page - Seoul Semiconductor SMJD-2D16W4PD Datasheet HTML 9Page - Seoul Semiconductor SMJD-2D16W4PD Datasheet HTML 10Page - Seoul Semiconductor SMJD-2D16W4PD Datasheet HTML 11Page - Seoul Semiconductor SMJD-2D16W4PD Datasheet HTML 12Page - Seoul Semiconductor SMJD-2D16W4PD Datasheet HTML 13Page - Seoul Semiconductor SMJD-2D16W4PD Datasheet HTML 14Page - Seoul Semiconductor SMJD-2D16W4PD Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SMJD-XD16W4PX - Acrich3 16.6W
11
Rev1.2, Apr 1, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Bin
x
y
Bin
x
y
Bin
x
y
BM
0.3266
0.3428
CM
0.3427
0.3568
EM
0.3806
0.3822
0.3268
0.3371
0.3423
0.3504
0.3786
0.3745
0.3319
0.3416
0.3476
0.3547
0.3846
0.3782
0.3319
0.3476
0.3482
0.3613
0.3870
0.3861
GM
0.4336
0.4067
HM
0.4581
0.4143
0.4294
0.3977
0.4531
0.4051
0.4354
0.3999
0.4589
0.4065
0.4398
0.4089
0.4641
0.4157
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
3700K
4200K
4700K
H
E
G
C
B
5300K
2900K
2600K
3200K
6000K
x
ANSI
MacAdam 3-Step


Número de pieza similar - SMJD-2D16W4PD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJD-2D16W4PD SEOUL-SMJD-2D16W4PD Datasheet
1Mb / 25P
   Integrated AC LED Solution
More results

Descripción similar - SMJD-2D16W4PD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD12W4P3 SEOUL-SMJD-XD12W4P3 Datasheet
1Mb / 23P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJF-2D16W4PD SEOUL-SMJF-2D16W4PD Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com