Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMJF-2D16W4PE Datasheet(PDF) 20 Page - Seoul Semiconductor

No. de Pieza. SMJF-2D16W4PE
Descripción  Connects directly to AC line voltage
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo 

SMJF-2D16W4PE Datasheet(HTML) 20 Page - Seoul Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Rev1.2, Apr 1, 2016
www.seoulsemicon.com
Product Data Sheet
SMJF-2D16W4PX - Acrich3 16.6W
20
Label Information
Notes
(1) It is attached to the bottom right corner of the box.
Notes
(1) The model number designation is explained as follow
SMJF : Seoul Semiconductor internal code
2D : Input Voltage (2D = 120V)
16W : About Power Consumption
4 : Acrich IC Version 3.0
PX: MJT PKG (D=SAW8C72A, E=SAW9C72A)
(2) It represents Module Optical SPEC.
Luminous flux : 16a, 16b, 16c
CCT : H~B
CRI : 80 or 90
CIE Area : 3 or 4(3step or 4step)
(3) It represents module CIE SPEC
CIE Area : 3step or 4step
(4) It is attached to the top of a sealing pack & the bottom right corner of the box.
Model No.
SMJF-2D16W4PX (1)
IIIII II IIIII III
Rank
16bG803 (2)
IIIII II IIIII III
Type
3-step(3)
Quantity
XX
IIIII II IIIII III
Date
YYMDDXXXXX-XXXXXXX
IIIII II IIIII III
SEOUL SEMICONDUCTOR CO.,LTD.
TOTAL Quantity
XX
SEOUL SEMICONDUCTOR CO.,LTD.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn