Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0253001.HRT1L Datasheet(PDF) 2 Page - Littelfuse

No. de pieza 0253001.HRT1L
Descripción Electrónicos  Axial Lead & Cartridge Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0253001.HRT1L Datasheet(HTML) 2 Page - Littelfuse

  0253001.HRT1L Datasheet HTML 1Page - Littelfuse 0253001.HRT1L Datasheet HTML 2Page - Littelfuse 0253001.HRT1L Datasheet HTML 3Page - Littelfuse 0253001.HRT1L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/10/16
Axial Lead & Cartridge Fuses
PICO® ll > Very Fast-Acting Fuse > 251/253 Series
Electrical Specifications by Item
Note: Higher ampere ratings are available. Please contact Littelfuse Technical Support or your Littelfuse products representative for assistance.
Ampere
Rating
(A)
Amp
Code
Ordering
Number
(Std.)
Ordering
Number
(Mil.)
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Nom
Voltage
Drop
(V)
Agency Approvals
PS
E
TUV QPL
.062
.062
251.062
253.062
125
300 A @
125VDC
50A@125VAC
For CCC 7A:
70A@125VAC
For CCC 10A:
100A@
125VAC
7.000
0.000113
1.4
x
x
x
.125
.125
251.125
253.125
125
1.700
0.00174
0.285
x
x
x
.200
.200
251.200
253.200
125
0.895
0.0048
0.345
x
x
.250
.250
251.250
253.250
125
0.665
0.0116
0.24
x
x
x
.375
.375
251.375
253.375
125
0.395
0.0296
0.215
x
x
x
.500
.500
251.500
253.500
125
0.302
0.0598
0.2165
x
x
x
x
x
.630
.630
251.630
125
0.205
0.08
0.188
x
x
.750
.750
251.750
253.750
125
0.175
0.153
0.176
x
x
x
x
1.00
001.
251001.
253001.
125
0.128
0.256
0.194
x
x
x
x
x
x
1.25
1.25
2511.25
125
0.100
0.390
0.2
x
x
x
1.50
01.5
25101.5
25301.5
125
0.0823
0.587
0.21
x
x
x
x
x
2.00
002.
251002.
253002.
125
0.0473
0.405
0.141
x
x
x
x
x
x
2.50
02.5
25102.5
125
0.0360
0.721
0.132
x
x
x
x
x
3.00
003.
251003.
253003.
125
0.0295
1.19
0.131
x
x
x
x
x
x
3.50
03.5
25103.5
125
0.0240
1.58
0.1205
x
x
x
x
4.00
004.
251004.
253004.
125
0.0204
2.45
0.114
x
x
x
x
x
x
5.00
005.
251005.
253005.
125
0.0158
4.14
0.11
x
x
x
x
x
x
7.00
007.
251007.
253007.
125
0.0107
10.4
0.102
x
x
x
x
10.0
010.
251010.
253010.
125
0.0072
25.5
0.1
x
x
x
x
12.0
012.
251012.
32
0.0059
45.2
0.0878
x
x
15.0
015.
251015.
253015.
32
0.00446
68.8
0.071
x
x
x
300A@32VDC
& 50A@32VAC
253 Series
Only


Número de pieza similar - 0253001.HRT1L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0253001.M LITTELFUSE-0253001.M Datasheet
289Kb / 4P
   251/253 Series, PICO짰 II, Very Fast-Acting Fuse
0253001.NRT1L LITTELFUSE-0253001.NRT1L Datasheet
289Kb / 4P
   251/253 Series, PICO짰 II, Very Fast-Acting Fuse
0253001.V LITTELFUSE-0253001.V Datasheet
289Kb / 4P
   251/253 Series, PICO짰 II, Very Fast-Acting Fuse
More results

Descripción similar - 0253001.HRT1L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com