Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ36A Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

No. de pieza SMAJ36A
Descripción Electrónicos  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Página de inicio  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SMAJ36A Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  SMAJ36A Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd SMAJ36A Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd SMAJ36A Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS(TA=25℃ unless otherwise noted)
Device
Working
Peak
Reverse
Voltage
(V)
Breakdown
Voltage @IT
VBR(V)(1)
Test
Curren
IT
(mA)
Maximum
Reverse
Leakage
@VWM
ID(μΑ)(2)
Maximum
Peak Pulse
Surge Current
IPPM
(A)(3)
Maximum
Clamping
Voltage @ IPPM
VC(V)
Device
Marking
Code
UNI
BI
Min
Max
UNI
BI
SMAJ5.0
SMAJ5.0C
5.0
6.40
7.30
7.30
10
800
32.0
9.6
5.0V
5.0C
SMAJ5.0A
SMAJ5.0CA
5.0
6.40
7.00
7.00
10
800
34.0
9.2
5.0A
5.0D
SMAJ6.0
SMAJ6.0C
6.0
6.67
8.15
8.15
10
800
27.6
11.4
6.0V
6.0C
SMAJ6.0A
SMAJ6.0CA
6.0
6.67
7.37
7.37
10
800
30.5
10.3
6.0A
6.0D
SMAJ6.5
SMAJ6.5C
6.5
7.22
8.82
8.82
10
500
25.6
12.3
6.5V
6.5C
SMAJ6.5A
SMAJ6.5CA
6.5
7.22
7.98
7.98
10
500
28.0
11.2
6.5A
6.5D
SMAJ7.0
SMAJ7.0C
7.0
7.78
9.51
9.51
10
200
23.6
13.3
7.0V
7.0C
SMAJ7.0A
SMAJ7.0CA
7.0
7.78
8.60
8.60
10
200
26.0
12.0
7.0A
7.0D
SMAJ7.5
SMAJ7.5C
7.5
8.33
10.3
10.3
1.0
100
22.0
14.3
7.5V
7.5C
SMAJ7.5A
SMAJ7.5CA
7.5
8.33
9.21
9.21
1.0
100
24.4
12.9
7.5A
7.5D
SMAJ8.0
SMAJ8.0C
8.0
8.89
10.9
10.9
1.0
50.0
21.0
15.0
8.0V
8.0C
SMAJ8.0A
SMAJ8.0CA
8.0
8.89
9.83
9.83
1.0
50.0
23.0
13.6
8.0A
8.0D
SMAJ8.5
SMAJ8.5C
8.5
9.44
11.5
11.5
1.0
10.0
19.8
15.9
8.5V
8.5C
SMAJ8.5A
SMAJ8.5CA
8.5
9.44
10.4
10.4
1.0
10.0
21.8
14.4
8.5A
8.5D
SMAJ9.0
SMAJ9.0C
9.0
10.0
12.2
12.2
1.0
5.0
18.6
16.9
9.0V
9.0C
SMAJ9.0A
SMAJ9.0CA
9.0
10.0
11.1
11.1
1.0
5.0
20.4
15.4
9.0A
9.0D
SMAJ10
SMAJ10C
10
11.1
13.6
13.6
1.0
5.0
16.7
18.8
10V
10C
SMAJ10A
SMAJ10CA
10
1 1.1
12.3
12.3
1.0
5.0
18.5
17.0
10A
10D
SMAJ11
SMAJ11C
11
12.2
14.9
14.9
1.0
5.0
15.6
20.1
11V
11C
SMAJ11A
SMAJ11CA
11
12.2
13.5
13.5
1.0
5.0
17.3
18.2
11A
11D
SMAJ12
SMAJ12C
12
13.3
16.3
16.3
1.0
5.0
14.3
22.0
12V
12C
SMAJ12A
SMAJ12CA
12
13.3
14.7
14.7
1.0
5.0
15.8
19.9
12A
12D
SMAJ13
SMAJ13C
13
14.4
17.6
17.6
1.0
5.0
13.0
23.8
13V
13C
SMAJ13A
SMAJ13CA
13
14.4
15.9
15.9
1.0
5.0
14.6
21.5
13A
13D
SMAJ14
SMAJ14C
14
15.6
19.1
19.1
1.0
5.0
12.2
25.8
14V
14C
SMAJ14A
SMAJ14CA
14
15.6
17.2
17.2
1.0
5.0
13.5
23.2
14A
14D
SMAJ15
SMAJ15C
15
16.7
20.4
20.4
1.0
5.0
11.7
26.9
15V
15C
SMAJ15A
SMAJ15CA
15
16.7
18.5
18.5
1.0
5.0
12.9
24.4
15A
15D
SMAJ16
SMAJ16C
16
17.8
21.8
21.8
1.0
5.0
10.9
28.8
16V
16C
SMAJ16A
SMAJ16CA
16
17.8
19.7
19.7
1.0
5.0
12.0
26.0
16A
16D
SMAJ17
SMAJ17C
17
18.9
23.1
23.1
1.0
5.0
10.3
30.5
17V
17C
SMAJ17A
SMAJ17CA
17
18.9
20.9
20.9
1.0
5.0
11.4
27.6
17A
17D
SMAJ18
SMAJ18C
18
20.0
24.4
24.4
1.0
5.0
9.7
32.2
18V
18C
SMAJ18A
SMAJ18CA
18
20.0
22.1
22.1
1.0
5.0
10.7
29.2
18A
18D
SMAJ20
SMAJ20C
20
22.2
27.1
27.1
1.0
5.0
8.7
35.8
20V
20C
SMAJ20A
SMAJ20CA
20
22.2
24.5
24.5
1.0
5.0
9.7
32.4
20A
20D
SMAJ22
SMAJ22C
22
24.4
29.8
29.8
1.0
5.0
8.0
39.4
22V
22C
SMAJ22A
SMAJ22CA
22
24.4
26.9
26.9
1.0
5.0
8.8
35.5
22A
22D
SMAJ24
SMAJ24C
24
26.7
32.6
32.6
1.0
5.0
7.3
43.0
24V
24C
SMAJ24A
SMAJ24CA
24
26.7
29.5
29.5
1.0
5.0
8.0
38.9
24A
24D
SMAJ26
SMAJ26C
26
28.9
35.3
35.3
1.0
5.0
6.7
46.6
26V
26C
SMAJ26A
SMAJ26CA
26
28.9
31.9
31.9
1.0
5.0
7.4
42.1
26A
26D
SMAJ28
SMAJ28C
28
31.1
38.0
38.0
1.0
5.0
6.3
50.0
28V
28C
SMAJ28A
SMAJ28CA
28
31.1
34.4
34.4
1.0
5.0
6.9
45.4
28A
28D
SMAJ30
SMAJ30C
30
33.3
40.7
40.7
1.0
5.0
5.8
53.5
30V
30C
SMAJ30A
SMAJ30CA
30
33.3
36.8
36.8
1.0
5.0
6.5
48.4
30A
30D
SMAJ33
SMAJ33C
33
36.7
44.9
44.9
1.0
5.0
5.3
59.0
33V
33C
SMAJ33A
SMAJ33CA
33
36.7
40.6
40.6
1.0
5.0
5.9
53.3
33A
33D
SMAJ36
SMAJ36C
36
40.0
48.9
1.0
5.0
4.8
64.3
36V
36C


Número de pieza similar - SMAJ36A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
SMAJ36A LEIDITECH-SMAJ36A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Jinan Gude Electronic D...
SMAJ36A JGD-SMAJ36A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ36A CYSTEKEC-SMAJ36A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
SMAJ36A LITTELFUSE-SMAJ36A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Yangzhou yangjie electr...
SMAJ36A YANGJIE-SMAJ36A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
More results

Descripción similar - SMAJ36A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com