Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8325IDRBR Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS8325IDRBR
Descripción Electrónicos  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8325IDRBR Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS8325IDRBR Datasheet HTML 7Page - Burr-Brown (TI) ADS8325IDRBR Datasheet HTML 8Page - Burr-Brown (TI) ADS8325IDRBR Datasheet HTML 9Page - Burr-Brown (TI) ADS8325IDRBR Datasheet HTML 10Page - Burr-Brown (TI) ADS8325IDRBR Datasheet HTML 11Page - Burr-Brown (TI) ADS8325IDRBR Datasheet HTML 12Page - Burr-Brown (TI) ADS8325IDRBR Datasheet HTML 13Page - Burr-Brown (TI) ADS8325IDRBR Datasheet HTML 14Page - Burr-Brown (TI) ADS8325IDRBR Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ADS8325
11
SBAS226A
www.ti.com
THEORY OF OPERATION
The ADS8325 is a classic Successive Approximation Register
(SAR) Analog-to-Digital (A/D) converter. The architecture is based
on capacitive redistribution that inherently includes a sample-and-
hold function. The converter is fabricated on a 0.6
µ CMOS
process. The architecture and process allow the ADS8325 to
acquire and convert an analog signal at up to 100,000 conver-
sions per second while consuming less than 4.5mW from +VDD.
The ADS8325 requires an external reference, an external clock,
and a single power source (VDD). The external reference can be
any voltage between 2.5V and 5.5V. The value of the reference
voltage directly sets the range of the analog input. The reference
input current depends on the conversion rate of the ADS8325.
The external clock can vary between 24kHz (1kHz throughput)
and 2.4MHz (100kHz throughput). The duty cycle of the clock is
essentially unimportant as long as the minimum high and low
times are at least 200ns (VDD = 4.75V or greater). The minimum
clock frequency is set by the leakage on the internal capacitors
to the ADS8325.
The analog input is provided to two input pins: +IN and –IN. When
a conversion is initiated, the differential input on these pins is
sampled on the internal capacitor array. While a conversion is in
progress, both inputs are disconnected from any internal function.
The digital result of the conversion is clocked out by the DCLOCK
input and is provided serially, most significant bit first, on the DOUT
pin. The digital data that is provided on the DOUT pin is for the
conversion currently in progress—there is no pipeline delay. It is
possible to continue to clock the ADS8325 after the conversion
is complete and to obtain the serial data least significant bit first.
See the Digital Timing section for more information.
ANALOG INPUT
The analog input of ADS8325 is differential. The +IN and
–IN input pins allow for a differential input signal. The
amplitude of the input is the difference between the +IN and
–IN input, or (+IN) – (–IN). Unlike some converters of this
type, the –IN input is not resampled later in the conversion
cycle. When the converter goes into the hold mode or
conversion, the voltage difference between +IN and –IN is
captured on the internal capacitor array.
The range of the –IN input is limited to –0.3V to +0.5V. Due
to this, the differential input could be used to reject signals
that are common to both inputs in the specified range. Thus,
the –IN input is best used to sense a remote signal ground
that may move slightly with respect to the local ground
potential.
The general method for driving the analog input of the
ADS8325 is shown in Figures 1 and 2. The –IN input is held
at the common-mode voltage. The +IN input swings from
–IN (or common-mode voltage) to –IN + VREF (or common-
mode voltage + VREF), and the peak-to-peak amplitude is
+VREF. The value of VREF determines the range over which
the common-mode voltage may vary (see Figure 3). Figures
5 and 6 illustrate the typical change in gain and offset as a
function of the common-mode voltage applied to the –IN pin.
FIGURE 2. Methods of Driving the ADS8325
FIGURE 1. Differential Input Mode of the ADS8325.
ADS8325
0V to +V
REF
Peak-to-Peak
Common-Mode
Voltage
The input current required by the analog inputs depends on
a number of factors: sample rate, input voltage, source
impedance, and power-down mode. Essentially, the current
into the ADS8325 charges the internal capacitor array during
the sample period. After this capacitance has been fully
charged, there is no further input current. The source of the
analog input voltage must be able to charge the input
capacitance (20pF) to a 16-bit settling level within 4.5 clock
cycles (1.875
µs). When the converter goes into the hold
mode, or while it is in the power-down mode, the input
impedance is greater than 1G
Ω.
Common-Mode Voltage + V
REF
+V
REF
t
+IN
Common-Mode Voltage
NOTE: The maximum differential voltage between +IN and –IN of the ADS8325 is V
REF.
See Figure 3 for a further explanation of the common-mode voltage range for differential inputs.
–IN = Common-Mode Voltage


Número de pieza similar - ADS8325IDRBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8325IDRBR TI1-ADS8325IDRBR Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325IDRBRG4 TI1-ADS8325IDRBRG4 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8325IDRBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com