Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2596S-12 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2596S-12
Descripción Electrónicos  SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2596S-12 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2596S-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2596S-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2596S-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2596S-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2596S-12 Datasheet HTML 10Page - National Semiconductor (TI) LM2596S-12 Datasheet HTML 11Page - National Semiconductor (TI) LM2596S-12 Datasheet HTML 12Page - National Semiconductor (TI) LM2596S-12 Datasheet HTML 13Page - National Semiconductor (TI) LM2596S-12 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM2596 Series Buck Regulator Design Procedure (Fixed Output)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
Given:
V
OUT = Regulated Output Voltage (3.3V, 5V or 12V)
V
IN(max) = Maximum DC Input Voltage
I
LOAD(max) = Maximum Load Current
Given:
V
OUT =5V
V
IN(max) = 12V
I
LOAD(max) = 3A
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from Fig-
ures
Figure 4, Figure 5,or Figure 6. (Output voltages of 3.3V,
5V, or 12V respectively.) For all other voltages, see the design
procedure for the adjustable version.
B. From the inductor value selection guide, identify the induc-
tance region intersected by the Maximum Input Voltage line
and the Maximum Load Current line. Each region is identified
by an inductance value and an inductor code (LXX).
C. Select an appropriate inductor from the four manufacturer’s
part numbers listed in
Figure 8.
1. Inductor Selection (L1)
A. Use the inductor selection guide for the 5V version shown
in
Figure 5.
B. From the inductor value selection guide shown in
Figure 5,
the inductance region intersected by the 12V horizontal line
and the 3A vertical line is 33 µH, and the inductor code is L40.
C. The inductance value required is 33 µH. From the table in
Figure 8, go to the L40 line and choose an inductor part
number from any of the four manufacturers shown. (In most
instance, both through hole and surface mount inductors are
available.)
2. Output Capacitor Selection (C
OUT)
A. In the majority of applications, low ESR (Equivalent Series
Resistance) electrolytic capacitors between 82 µF and 820 µF
and low ESR solid tantalum capacitors between 10 µF and
470 µF provide the best results. This capacitor should be
located close to the IC using short capacitor leads and short
copper traces. Do not use capacitors larger than 820 µF .
For additional information, see section on output capaci-
tors in application information section.
B. To simplify the capacitor selection procedure, refer to the
quick design component selection table shown in
Figure 2.
This table contains different input voltages, output voltages,
and load currents, and lists various inductors and output ca-
pacitors that will provide the best design solutions.
C. The capacitor voltage rating for electrolytic capacitors
should be at least 1.5 times greater than the output voltage,
and often much higher voltage ratings are needed to satisfy
the low ESR requirements for low output ripple voltage.
D. For computer aided design software, see
Switchers Made
Simpleversion 4.3 or later.
2. Output Capacitor Selection (C
OUT)
A. See section on output capacitors in application infor-
mation section.
B. From the quick design component selection table shown in
Figure 2, locate the 5V output voltage section. In the load
current column, choose the load current line that is closest to
the current needed in your application, for this example, use
the 3A line. In the maximum input voltage column, select the
line that covers the input voltage needed in your application, in
this example, use the 15V line. Continuing on this line are
recommended inductors and capacitors that will provide the
best overall performance.
The capacitor list contains both through hole electrolytic and
surface mount tantalum capacitors from four different capaci-
tor manufacturers. It is recommended that both the manufac-
turers and the manufacturer’s series that are listed in the table
be used.
In this example aluminum electrolytic capacitors from several
different manufacturers are available with the range of ESR
numbers needed.
330 µF
35V
Panasonic HFQ Series
330 µF
35V
Nichicon PL Series
C. For a 5V output, a capacitor voltage rating at least 7.5V or
more is needed. But even a low ESR, switching grade, 220 µF
10V aluminum electrolytic capacitor would exhibit approxi-
mately 225 m
Ω of ESR (see the curve in Figure 14 for the ESR
vs voltage rating). This amount of ESR would result in rela-
tively high output ripple voltage. To reduce the ripple to 1% of
the output voltage, or less, a capacitor with a higher value or
with a higher voltage rating (lower ESR) should be selected. A
16V or 25V capacitor will reduce the ripple voltage by approxi-
mately half.
www.national.com
10


Número de pieza similar - LM2596S-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2596S-12 TI1-LM2596S-12 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596S-12 TI1-LM2596S-12 Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
Guangdong Youtai Semico...
LM2596S-12 UMW-LM2596S-12 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-12/NOPB TI1-LM2596S-12/NOPB Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results

Descripción similar - LM2596S-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com