Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24C512WE-GT3 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza CAT24C512WE-GT3
Descripción Electrónicos  512 Kb I2C CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C512WE-GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT24C512WE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C512WE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C512WE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C512WE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C512WE-GT3 Datasheet HTML 9Page - ON Semiconductor CAT24C512WE-GT3 Datasheet HTML 10Page - ON Semiconductor CAT24C512WE-GT3 Datasheet HTML 11Page - ON Semiconductor CAT24C512WE-GT3 Datasheet HTML 12Page - ON Semiconductor CAT24C512WE-GT3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CAT24C512
www.onsemi.com
9
READ OPERATIONS
Immediate Address Read
In standby mode, the CAT24C512 internal address
counter points to the data byte immediately following the
last byte accessed by a previous operation. If that ‘previous’
byte was the last byte in memory, then the address counter
will point to the 1st memory byte, etc.
When, following a START, the CAT24C512 is presented
with a Slave address containing a ‘1’ in the R/W bit position
(Figure 10), it will acknowledge (ACK) in the 9th clock cycle,
and will then transmit data being pointed at by the internal
address counter. The Master can stop further transmission by
issuing a NoACK, followed by a STOP condition.
Selective Read
The Read operation can also be started at an address
different from the one stored in the internal address counter.
The address counter can be initialized by performing a
‘dummy’ Write operation (Figure 11). Here the START is
followed by the Slave address (with the R/W bit set to ‘0’)
and the desired two byte address. Instead of following up
with data, the Master then issues a 2nd START, followed by
the ‘Immediate Address Read’ sequence, as described
earlier.
Sequential Read
If the Master acknowledges the 1st data byte transmitted
by the CAT24C512, then the device will continue
transmitting as long as each data byte is acknowledged by
the Master (Figure 12). If the end of memory is reached
during sequential Read, then the address counter will
‘wrap−around’ to the beginning of memory, etc. Sequential
Read works with either ‘Immediate Address Read’ or
‘Selective Read’, the only difference being the starting byte
address.
Figure 10. Immediate Address Read Timing
SCL
SDA
8th Bit
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
Figure 11. Selective Read Timing
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
S
T
A
R
T
SLAVE
S
A
C
K
S
T
A
R
T
P
S
T
O
P
BYTE ADDRESS
ADDRESS
N
O
A
C
K
DATA
BUS ACTIVITY:
MASTER
SDA LINE
A15 − A8
A7 − A0
Figure 12. Sequential Read Timing
S
T
O
P
P
SLAVE
ADDRESS
A
C
K
N
O
A
C
K
DATA n
BUS ACTIVITY:
MASTER
SDA LINE
A
C
K
DATA n+1
DATA n+2
A
C
K
A
C
K
DATA n+x


Número de pieza similar - CAT24C512WE-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24C512WE-GT3 ONSEMI-CAT24C512WE-GT3 Datasheet
194Kb / 16P
   512 kb I2C CMOS Serial EPROM
October, 2012 ??Rev. 4
More results

Descripción similar - CAT24C512WE-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAV24C512 ONSEMI-CAV24C512 Datasheet
120Kb / 13P
   512 kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C512 ONSEMI-CAV24C512_18 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
CAT24C512C8UTR ONSEMI-CAT24C512C8UTR Datasheet
99Kb / 11P
   EEPROM Serial 512-Kb I2C
September, 2018 ??Rev. 0
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
CAT25512 ONSEMI-CAT25512_16 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAV25512VE-GT3 ONSEMI-CAV25512VE-GT3 Datasheet
174Kb / 13P
   512-Kb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com