Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMA5J85CA Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
SMA5J85CA Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 4 page Value VOLTAGE RANGE: 5.0 - 440 V SMA5J5.0A(CA) - SMA5J440A(CA) POWER: 500Wa t t s Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Material: UL Flammability Classification Rating 94V-0 Features Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2. (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal Peak pulse power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 1) PPPM 500 W Peak pulse current with a 10/1000 µs waveform (1) IPPM See next table A Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2) IFSM 40 A Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C ! ! ! ! ! Maximum Ratings @ TA = 25°C unless otherwise specified Characteristic 1 of 4 www.sunmate.tw Symbol Unit SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE Case: SMA/DO-214AC, Molded Plastic ! ! Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026 ! Polarity: Cathode Band or Cathode Notch ! Marking: Type Number ! Weight: 0.064 grams (approx.) Mechanical Data A B C D G H E J Dim MinMax A 2.29 2.92 B 4.00 4.60 C 1.27 1.63 D 0.15 0.31 E 4.80 5.59 G 0.10 0.20 H 0.76 1.52 J 2.01 2.62 All Dimensions in mm SMA(DO-214AC) |
Número de pieza similar - SMA5J85CA |
|
Descripción similar - SMA5J85CA |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |