Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3585DV Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI3585DV
Descripción Electrónicos  N- and P-Channel 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3585DV Datasheet(HTML) 6 Page - Vishay Siliconix

  SI3585DV Datasheet HTML 1Page - Vishay Siliconix SI3585DV Datasheet HTML 2Page - Vishay Siliconix SI3585DV Datasheet HTML 3Page - Vishay Siliconix SI3585DV Datasheet HTML 4Page - Vishay Siliconix SI3585DV Datasheet HTML 5Page - Vishay Siliconix SI3585DV Datasheet HTML 6Page - Vishay Siliconix SI3585DV Datasheet HTML 7Page - Vishay Siliconix SI3585DV Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number: 71184
S09-2275-Rev. D, 02-Nov-09
Vishay Siliconix
Si3585DV
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Gate Charge
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.9
1.8
2.7
3.6
4.5
0.0
0.6
1.2
1.8
2.4
3.0
VDS = 10 V
ID = 2.4 A
Qg - Total Gate Charge (nC)
1.2
1.5
0.1
1
10
0
0.3
0.6
0.9
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
- 0.4
- 0.2
0.0
0.2
0.4
0.6
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.4
0.6
0.8
1.0
1.2
1.4
1.8
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 2.4 A
TJ - Junction Temperature (°C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
1234
5
VGS - Gate-to-Source Voltage (V)
ID = 1.8 A
ID = 1.2 A
0.01
0
1
6
8
2
4
10
30
0.1
Time (s)


Número de pieza similar - SI3585DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3585DV VISHAY-SI3585DV Datasheet
132Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3585DV-T1-E3 VBSEMI-SI3585DV-T1-E3 Datasheet
597Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
SI3585DV-T1-GE3 VBSEMI-SI3585DV-T1-GE3 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Vishay Siliconix
SI3585DV VISHAY-SI3585DV_V01 Datasheet
132Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI3585DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com