Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4563DY Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI4563DY
Descripción Electrónicos  N- and P-Channel 40-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4563DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4563DY Datasheet HTML 1Page - Vishay Siliconix SI4563DY Datasheet HTML 2Page - Vishay Siliconix SI4563DY Datasheet HTML 3Page - Vishay Siliconix SI4563DY Datasheet HTML 4Page - Vishay Siliconix SI4563DY Datasheet HTML 5Page - Vishay Siliconix SI4563DY Datasheet HTML 6Page - Vishay Siliconix SI4563DY Datasheet HTML 7Page - Vishay Siliconix SI4563DY Datasheet HTML 8Page - Vishay Siliconix SI4563DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 73513
S09-0393-Rev. C, 09-Mar-09
www.vishay.com
3
Vishay Siliconix
Si4563DY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
N-Channel
VDD = 20 V, RL = 4 Ω
ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω
P-Channel
VDD = - 20 V, RL = 4 Ω
ID ≅ - 5 A, VGEN = - 10 V, Rg = 1 Ω
N-Ch
15
23
ns
P-Ch
13
20
Rise Time
tr
N-Ch
20
30
P-Ch
16
25
Turn-Off Delay Time
td(off)
N-Ch
56
85
P-Ch
75
115
Fall Time
tf
N-Ch
10
15
P-Ch
68
105
Turn-On Delay Time
td(on)
N-Channel
VDD = 20 V, RL = 4 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = - 20 V, RL = 4 Ω
ID ≅ - 5 A, VGEN = - 4.5 V, Rg = 16 Ω
N-Ch
88
135
P-Ch
33
50
Rise Time
tr
N-Ch
117
180
P-Ch
93
140
Turn-Off Delay Time
td(off)
N-Ch
62
95
P-Ch
80
120
Fall Time
tf
N-Ch
19
30
P-Ch
69
105
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
N-Ch
2.7
A
P-Ch
- 2.7
Pulse Diode Forward Currenta
ISM
N-Ch
20
P-Ch
- 20
Body Diode Voltage
VSD
IS = 1.5 A
N-Ch
0.69
1.2
V
IS = - 1.6 A
P-Ch
- 0.72
- 1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 2 A, dI/dt = 100 A/µs, TJ = 25 °C
P-Channel
IF = - 2 A, dI/dt = - 100 A/µs, TJ = 25 °C
N-Ch
62
95
ns
P-Ch
49
75
Body Diode Reverse Recovery Charge
Qrr
N-Ch
62
95
nC
P-Ch
42
65
Reverse Recovery Fall Time
ta
N-Ch
26
ns
P-Ch
19
Reverse Recovery Rise Time
tb
N-Ch
36
P-Ch
30


Número de pieza similar - SI4563DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4563DY VISHAY-SI4563DY Datasheet
145Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4563DY-T1-E3 VBSEMI-SI4563DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
logo
Vishay Siliconix
SI4563DY VISHAY-SI4563DY_V01 Datasheet
145Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4563DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
   N- and P-Channel 40 V (D-S) MOSFET
Rev. B, 22-Feb-10
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com