Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87FBH08A Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza LC87FBH08A
Descripción Electrónicos  8-bit Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBH08A Datasheet(HTML) 1 Page - ON Semiconductor

  LC87FBH08A Datasheet HTML 1Page - ON Semiconductor LC87FBH08A Datasheet HTML 2Page - ON Semiconductor LC87FBH08A Datasheet HTML 3Page - ON Semiconductor LC87FBH08A Datasheet HTML 4Page - ON Semiconductor LC87FBH08A Datasheet HTML 5Page - ON Semiconductor LC87FBH08A Datasheet HTML 6Page - ON Semiconductor LC87FBH08A Datasheet HTML 7Page - ON Semiconductor LC87FBH08A Datasheet HTML 8Page - ON Semiconductor LC87FBH08A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number :
June 2016 - Rev. 1
LC87FBH08A/D
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 32 of this data sheet.
LC87FBH08A
8-bit Microcontroller
with 8K-byte Flash ROM and 256-byte RAM
Overview
The LC87FBH08A is an 8-bit microcontroller that, centered around a CPU
running at a minimum bus cycle time of 83.3ns, integrates on a single chip
a number of hardware features such as 8K-byte flash ROM (On-board-
programmable), 256-byte RAM, an On-chip-debugger (flash versions only),
sophisticated 16-bit timers/counters (may be divided into 8-bit timers), a
16-bit timer/counter (may be divided into 8-bit timers/counters or 8-bit
PWMs), two 8-bit timers with a prescaler, a base timer serving as a time-
of-day clock, a high-speed clock counter, a synchronous SIO interface, an
asynchronous/synchronous SIO interface, a UART interface (full duplex),
two 12-bit PWM channels, a 12-bit/8-bit 11-channel AD converter, a high-
speed clock counter, a system clock frequency divider, an internal high-
accuracy oscillator, a reference voltage generator circuit, an internal reset
and a 20-source 10-vector interrupt feature.
Features
Flash ROM
8192 8 bits
Capable of On-board programming with wide range (2.2 to 5.5V) of
voltage source.
Block-erasable in 128 byte units
Writable in 2-byte units
RAM
256  9 bits
Minimum Bus Cycle
83.3ns (12MHz at VDD=2.7V to 5.5V, Ta=40C to +85C)
100ns (10MHz at VDD=2.2V to 5.5V, Ta=40C to +85C)
250ns ( 4MHz at VDD=1.8V to 5.5V, Ta=40C to +85C)
Note: The bus cycle time here refers to the ROM read speed.
* This product is licensed from Silicon Storage Technology, Inc. (USA).
LQFP36 7x7 / QFP36
VQLP32 4x4
[Build to order]


Número de pieza similar - LC87FBH08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC87FBH08A ONSEMI-LC87FBH08A Datasheet
286Kb / 31P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Descripción similar - LC87FBH08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com