Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87FBH08A Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LC87FBH08A
Descripción Electrónicos  8-bit Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBH08A Datasheet(HTML) 3 Page - ON Semiconductor

  LC87FBH08A Datasheet HTML 1Page - ON Semiconductor LC87FBH08A Datasheet HTML 2Page - ON Semiconductor LC87FBH08A Datasheet HTML 3Page - ON Semiconductor LC87FBH08A Datasheet HTML 4Page - ON Semiconductor LC87FBH08A Datasheet HTML 5Page - ON Semiconductor LC87FBH08A Datasheet HTML 6Page - ON Semiconductor LC87FBH08A Datasheet HTML 7Page - ON Semiconductor LC87FBH08A Datasheet HTML 8Page - ON Semiconductor LC87FBH08A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LC87FBH08A
www.onsemi.com
3
AD converter: 12 bits/8 bits
 11 channels
Successive approximation
12 bits/8 bits AD converter resolution selectable
Port input: 10 channels, Reference voltage input: 1 channel
PWM: Multifrequency 12-bit PWM
 2 channels
Reference voltage generator circuit (VREF17)
Capable of monitoring the power supply voltage by AD conversion of frequency variable RC oscillator circuit’s
reference voltage.
Remote Control Receiver Circuit (sharing pins with P73, INT3, and T0IN)
Noise rejection function (noise filter time constant selectable from 1 tCYC, 32 tCYC, and 128 tCYC)
Clock Output Function
Capable generating clock outputs with a frequency of 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 of the source clock selected
as the system clock.
Capable of generating the source clock for the subclock.
Watchdog Timer
Capable of generating an internal reset on an overflow of a timer running on the low-speed RC oscillator clock or
subclock.
Operating mode at standby is selectable from 3 modes (continue counting/stop operation/stop counting with a
count value held).
Interrupts
20 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/INT5/base timer
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
SIO0/UART1 receive
8
0003BH
H or L
SIO1/UART1 transmit
9
00043H
H or L
ADC/T6/T7/ PWM4, PWM5
10
0004BH
H or L
Port 0
Priority levels X > H > L
Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels: 128levels (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
16 bits  8 bits
(5 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
16 bits  8 bits
(8 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)


Número de pieza similar - LC87FBH08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC87FBH08A ONSEMI-LC87FBH08A Datasheet
286Kb / 31P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Descripción similar - LC87FBH08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com