Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14551BDR2G Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC14551BDR2G
Descripción Electrónicos  Quad 2-Channel Analog Multiplexer/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551BDR2G Datasheet(HTML) 6 Page - ON Semiconductor

  MC14551BDR2G Datasheet HTML 1Page - ON Semiconductor MC14551BDR2G Datasheet HTML 2Page - ON Semiconductor MC14551BDR2G Datasheet HTML 3Page - ON Semiconductor MC14551BDR2G Datasheet HTML 4Page - ON Semiconductor MC14551BDR2G Datasheet HTML 5Page - ON Semiconductor MC14551BDR2G Datasheet HTML 6Page - ON Semiconductor MC14551BDR2G Datasheet HTML 7Page - ON Semiconductor MC14551BDR2G Datasheet HTML 8Page - ON Semiconductor MC14551BDR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC14551B
http://onsemi.com
6
TEST CIRCUITS
Figure 3.
DV Across Switch
Figure 4. Propagation Delay Times,
Control to Output
CONTROL
SECTION
OF IC
SOURCE
V
LOAD
ON SWITCH
PULSE
GENERATOR
CONTROL
Vout
CL
RL
VDD VEE VEE VDD
Figure 5. Bandwidth and Off−Channel
Feedthrough Attenuation
Figure 6. Channel Separation
(Adjacent Channels Used for Setup)
CONTROL
Vout
CL = 50 pF
RL
Vin
CONTROL
CL = 50 pF
RL
Vout
RL
OFF
ON
Vin
VDD - VEE
2
Figure 7. Crosstalk, Control Input
to Common O/I
Figure 8. Off Channel Leakage
CONTROL
Vout
CL = 50 pF
RL
R1
CONTROL
SECTION
OF IC
OFF CHANNEL UNDER TEST
OTHER
CHANNEL(S)
VDD
VEE
VEE
VDD
VEE
VDD
Control input used to turn ON or OFF the switch under test.
VDD - VEE
2
Figure 9. Channel Resistance (RON) Test Circuit
VDD
VEE = VSS
10 k
VDD
X/Y
PLOTTER
1 k
W
RANGE
KEITHLEY 160
DIGITAL
MULTIMETER


Número de pieza similar - MC14551BDR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14551BDR2G ONSEMI-MC14551BDR2G Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
More results

Descripción similar - MC14551BDR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com